Electronic Components Datasheet Search |
|
AO4418L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors |
|
AO4418L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors |
2 / 4 page AO4418 Symbol Min Typ Max Units BVDSS 30 V 1 TJ=55°C 5 IGSS 100 nA VGS(th) 1.5 2.4 3 V ID(ON) 40 A 9.8 14 TJ=125°C 14.2 18 12.3 17 m Ω 32 40 m Ω gFS 14 22 S VSD 0.76 1 V IS 4.3 A Ciss 758 pF Coss 180 pF Crss 128 pF Rg 0.7 Ω Qg(10V) 16.6 nC Qg(4.5V) 8.6 nC Qgs 2.5 nC Qgd 4.9 nC tD(on) 5.4 ns tr 5.1 ns tD(off) 14.4 ns tf 3.7 ns trr 16.9 ns Qrr 6.6 nC THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE. Maximum Body-Diode Continuous Current Input Capacitance Output Capacitance Turn-On DelayTime DYNAMIC PARAMETERS VGS=10V, VDS=15V, ID=11.5A Total Gate Charge Gate Drain Charge VGS=0V, VDS=15V, f=1MHz SWITCHING PARAMETERS Turn-On Rise Time Turn-Off DelayTime VGS=10V, VDS=15V, RL=1.3Ω, RGEN=3Ω Turn-Off Fall Time Total Gate Charge Gate Source Charge Gate resistance VGS=0V, VDS=0V, f=1MHz m Ω VGS=4.5V, ID=5A IS=1A,VGS=0V VDS=5V, ID=10A VGS=10V, ID=10A RDS(ON) Static Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage IDSS µA Gate Threshold Voltage VDS=VGS ID=250µA VDS=24V, VGS=0V VDS=0V, VGS= ±25V Zero Gate Voltage Drain Current Gate-Body leakage current Electrical Characteristics (TJ=25°C unless otherwise noted) STATIC PARAMETERS Parameter Conditions Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=11.5A, dI/dt=100A/µs Drain-Source Breakdown Voltage On state drain current ID=250µA, VGS=0V VGS=10V, VDS=5V VGS=20V, ID=11.5A Reverse Transfer Capacitance IF=11.5A, dI/dt=100A/µs A: The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient. D. The static characteristics in Figures 1 to 6 are obtained using 80 µs pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA curve provides a single pulse rating. Rev 3: June 2005 Alpha & Omega Semiconductor, Ltd. |
Similar Part No. - AO4418L |
|
Similar Description - AO4418L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |