Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCET1111G Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCET1111G
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1111G Datasheet(HTML) 5 Page - Vishay Siliconix

  TCET1111G Datasheet HTML 1Page - Vishay Siliconix TCET1111G Datasheet HTML 2Page - Vishay Siliconix TCET1111G Datasheet HTML 3Page - Vishay Siliconix TCET1111G Datasheet HTML 4Page - Vishay Siliconix TCET1111G Datasheet HTML 5Page - Vishay Siliconix TCET1111G Datasheet HTML 6Page - Vishay Siliconix TCET1111G Datasheet HTML 7Page - Vishay Siliconix TCET1111G Datasheet HTML 8Page - Vishay Siliconix TCET1111G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VISHAY
TCET111.(G)
Document Number 83546
Rev. A3, 18-Mar-03
Vishay Semiconductors
www.vishay.com
5
Switching Characteristics
Parameter
Test condition
Symbol
Typ.
Unit
Delay time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
td
3.0
µs
Rise time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
tr
3.0
µs
Turn-on time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
ton
6.0
µs
Storage time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
ts
0.3
µs
Fall time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
tf
4.7
µs
Turn-off time (see figure 3)
VS = 5 V, IC = 2 mA, RL = 100 Ω
toff
5.0
µs
Turn-on time see figure 4)
VS = 5 V, IF = 10 mA, RL = 1 kΩ
ton
9.0
µs
Turn-off time see figure 4)
VS = 5 V, IF = 10 mA, RL = 1 kΩ
toff
10.0
µs
Figure 3. Test circuit, non-saturated operation
Figure 4. Test circuit, saturated operation
Channel I
Channel II
95 10804
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IF
0
50
W
100
W
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 MW
CL = 20 pF
Channel I
Channel II
95 10843
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IC
IF
0
50
W
1 k
W
IF = 10 mA
Oscilloscope
RL 1 MW
CL 20 pF
Figure 5. Switching times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time


Similar Part No. - TCET1111G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1111G VISHAY-TCET1111G Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
More results

Similar Description - TCET1111G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com