Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO5SMAHR4-B0G-A Datasheet(PDF) 1 Page - Marktech Corporate

Part # LO5SMAHR4-B0G-A
Description  Ultra Bright Red Elliptical LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO5SMAHR4-B0G-A Datasheet(HTML) 1 Page - Marktech Corporate

  LO5SMAHR4-B0G-A Datasheet HTML 1Page - Marktech Corporate LO5SMAHR4-B0G-A Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright Red Elliptical LED
LO5SMAHR4−B0G−A
Features
All Plastic Mold Type
High Luminous Intensity
Low Current Requirement
Tinted Diffused Lens
Wide Viewing Angle of 110º x 50º
LEAD FREE
Applications
Full Color Displays
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
2.10
2.60
V
Reverse Current
IR
VR=5V
100
µA
Luminous Intensity
IV
IF=20mA
550.00
950.00
mcd
Viewing Angle
2
θ1/2
110
o
x 50
o
deg.
Peak Wavelength
λp
IF=20mA
632
nm
Dominant Wavelength
λd
IF=20mA
624
nm
Spectral Line Half Width
∆λ
IF=20mA
20
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - LO5SMAHR4-B0G-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO5SMAYL4-B0G-A MARKTECH-LO5SMAYL4-B0G-A Datasheet
205Kb / 2P
   Ultra Bright Yellow Elliptical LED
More results

Similar Description - LO5SMAHR4-B0G-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO566AHR4-70H-A MARKTECH-LO566AHR4-70H-A Datasheet
355Kb / 2P
   Ultra Bright Red Elliptical LED
LO566AHR4-70G-A MARKTECH-LO566AHR4-70G-A Datasheet
356Kb / 2P
   Ultra Bright Red Elliptical LED
LO565THR4-B0G MARKTECH-LO565THR4-B0G Datasheet
218Kb / 2P
   Ultra Bright InGaAlP Red Elliptical LED
LO566TPG4-60G-A MARKTECH-LO566TPG4-60G-A Datasheet
208Kb / 2P
   Ultra Bright Green Elliptical LED
LO566TWN1-70G-A1 MARKTECH-LO566TWN1-70G-A1 Datasheet
54Kb / 2P
   Ultra Bright White Elliptical LED
LO5SMTBL4-B0G-A1 MARKTECH-LO5SMTBL4-B0G-A1 Datasheet
57Kb / 2P
   Ultra Bright Blue Elliptical LED
LO566PBL4-70G-A MARKTECH-LO566PBL4-70G-A Datasheet
358Kb / 2P
   Ultra Bright Blue Elliptical LED
LO574NBL4-B0G MARKTECH-LO574NBL4-B0G Datasheet
205Kb / 2P
   Ultra Bright Blue Elliptical LED
LO574NPG4-B0G MARKTECH-LO574NPG4-B0G Datasheet
208Kb / 2P
   Ultra Bright Green Elliptical LED
LO566PPG4-70H-A MARKTECH-LO566PPG4-70H-A Datasheet
362Kb / 2P
   Ultra Bright Green Elliptical LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com