Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC503TSB1-15H-A Datasheet(PDF) 1 Page - Marktech Corporate

Part # LC503TSB1-15H-A
Description  Ultra Bright Blue 5mm LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503TSB1-15H-A Datasheet(HTML) 1 Page - Marktech Corporate

  LC503TSB1-15H-A Datasheet HTML 1Page - Marktech Corporate LC503TSB1-15H-A Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright Blue 5mm LED
LC503TSB1−15H−A
Features
5mm Package
High Luminous Intensity
High Optical Power
All Plastic Mold Type
Water Clear Lens
Lead Free
Applications
Decorative Lighting
General Purpose Lighting
Indoor Message Centers
Instrumentation
Medical Equipment
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.40
4.00
V
Reverse Current
IR
VR=5V
100
µA
Luminous Intensity
IV
IF=20mA
3000.00
4500.00
mcd
Viewing Angle
2
θ1/2
15
o
deg.
Peak Wavelength
λp
IF=20mA
458
nm
Dominant Wavelength
λd
IF=20mA
460
nm
Spectral Line Half Width
∆λ
IF=20mA
26
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - LC503TSB1-15H-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503TBG1-15G-A MARKTECH-LC503TBG1-15G-A Datasheet
55Kb / 2P
   Ultra Bright Blue−Green 5mm LED
LC503TBG1-15H-A MARKTECH-LC503TBG1-15H-A Datasheet
55Kb / 2P
   Ultra Bright Blue−Green 5mm LED
LC503TBG1-30G-A MARKTECH-LC503TBG1-30G-A Datasheet
54Kb / 2P
   5mm Blue−Green InGaN LED
LC503TBG1-30H-A MARKTECH-LC503TBG1-30H-A Datasheet
55Kb / 2P
   5mm Blue−Green InGaN LED
logo
Cree, Inc
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
More results

Similar Description - LC503TSB1-15H-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503QBL1-30G-A MARKTECH-LC503QBL1-30G-A Datasheet
346Kb / 2P
   Ultra Bright Blue 5mm LED
LC503TBL1-15G-A MARKTECH-LC503TBL1-15G-A Datasheet
207Kb / 2P
   Ultra Bright Blue 5mm LED
LC503QSB1-15H-A MARKTECH-LC503QSB1-15H-A Datasheet
352Kb / 2P
   Ultra Bright Blue 5mm LED
LC503TBL1-15H-A MARKTECH-LC503TBL1-15H-A Datasheet
210Kb / 2P
   Ultra Bright Blue 5mm LED
LC503QSB1-15H MARKTECH-LC503QSB1-15H Datasheet
359Kb / 2P
   Ultra Bright Blue 5mm LED
logo
P-tec Corporation
PL16C-WCB13Z P-TEC-PL16C-WCB13Z Datasheet
29Kb / 1P
   5mm T1쩐 Ultra Bright Blue LED
PL16C-WCB20Z P-TEC-PL16C-WCB20Z Datasheet
29Kb / 1P
   5mm T1쩐 Ultra Bright Blue LED
PL16F-WCB20Z P-TEC-PL16F-WCB20Z Datasheet
29Kb / 1P
   5mm T1쩐 Ultra Bright Blue LED
logo
Marktech Corporate
LC503QBL1-30H MARKTECH-LC503QBL1-30H Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
LC503PBL1-15Q MARKTECH-LC503PBL1-15Q Datasheet
209Kb / 2P
   5mm Blue InGaN Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com