Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55113J Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55113J
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55113J Datasheet(HTML) 2 Page - Texas Instruments

  SNJ55113J Datasheet HTML 1Page - Texas Instruments SNJ55113J Datasheet HTML 2Page - Texas Instruments SNJ55113J Datasheet HTML 3Page - Texas Instruments SNJ55113J Datasheet HTML 4Page - Texas Instruments SNJ55113J Datasheet HTML 5Page - Texas Instruments SNJ55113J Datasheet HTML 6Page - Texas Instruments SNJ55113J Datasheet HTML 7Page - Texas Instruments SNJ55113J Datasheet HTML 8Page - Texas Instruments SNJ55113J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
OUTPUT
CONTROL
DATA
AND
NAND
C
CONTROL
CC
A
B†
Y
Z
L
X
X
X
Z
Z
X
L
X
XZ
Z
H
H
L
XL
H
H
H
X
LL
H
H
H
H
H
H
L
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
† B input and 4th line of function table are applicable only to
driver number 1.
logic symbol
2
2
2
2
1
1
1
1
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
11
6
5
10
9
7
&
&
&
2A
1B
1A
2C
CC
1C
14
15
13
12
2
1
3
4
EN2
EN1
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the J, N, and W packages.
logic diagram (positive logic)
2A
1B
1A
2C
CC
1C
11
6
5
10
9
7
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
14
15
13
12
2
1
3
4


Similar Part No. - SNJ55113J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55113J TI1-SNJ55113J Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SNJ55113J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com