Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K850 Datasheet(PDF) 2 Page - STMicroelectronics

Part # K850
Description  N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K850 Datasheet(HTML) 2 Page - STMicroelectronics

  K850 Datasheet HTML 1Page - STMicroelectronics K850 Datasheet HTML 2Page - STMicroelectronics K850 Datasheet HTML 3Page - STMicroelectronics K850 Datasheet HTML 4Page - STMicroelectronics K850 Datasheet HTML 5Page - STMicroelectronics K850 Datasheet HTML 6Page - STMicroelectronics K850 Datasheet HTML 7Page - STMicroelectronics K850 Datasheet HTML 8Page - STMicroelectronics K850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical ratings
STK850
2/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (VGS = 0)
30
V
VGS
Gate-Source Voltage
± 16
V
ID Note 2
Drain Current (continuous) at TC = 25°C
30
A
ID
Drain Current (continuous) at TC = 100°C
18.75
A
IDM Note 1
Drain Current (pulsed)
120
A
PTOT Note 2
Total Dissipation at TC = 25°C
5.2
W
Derating Factor
0.0416
W/°C
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Typ.
Max
Unit
Rthj-amb
Note 2
Thermal Resistance Junction-amb
20
24
°C/W
Rthj-c
Note 3
Thermal Resistance Junction-case (Top Drain)
0.8
1
°C/W
Rthj-c
Note 4
Thermal Resistance Junction-case (Source)
2.2
2.7
°C/W


Similar Part No. - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K850 STMICROELECTRONICS-K850 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
logo
List of Unclassifed Man...
K850-0 ETC1-K850-0 Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
K850-1 ETC1-K850-1 Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
K850-2 ETC1-K850-2 Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
K850-3 ETC1-K850-3 Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
More results

Similar Description - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK850 STMICROELECTRONICS-STK850_07 Datasheet
435Kb / 16P
   N-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
   N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
   N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
   N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com