Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G99YEPR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC1G99YEPR
Description  ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G99YEPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G99YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 9Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 10Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 11Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 12Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 13Page - Texas Instruments SN74LVC1G99YEPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN74LVC1G99
ULTRACONFIGURABLE MULTIPLEFUNCTION GATE
WITH 3STATE OUTPUTS
SCES609B − SEPTEMBER 2004 – REVISED JANUARY 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
A
4.5
30.1
2.5
11.3
1.8
7.5
1.3
4.8
tpd
B
Y
4.4
28.3
2.4
10.8
1.8
7.2
1.3
4.7
ns
tpd
C
Y
4.4
29.1
2.4
11.7
1.9
7.6
1.3
5
ns
D
4.3
25.1
2.4
10.2
1.7
6.7
1.3
4.5
ten
OE
Y
3.4
24.7
2.1
10
1.3
5.8
1
3.8
ns
tdis
OE
Y
4
15.5
2.7
7.5
3.5
7
2
5.5
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF or
50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
A
4.6
30.8
2.6
11.7
2.4
8.4
1.8
5.5
tpd
B
Y
4.6
28.9
2.6
11.3
2.3
8.2
1.8
5.4
ns
tpd
C
Y
4.4
29.8
2.5
12.3
2.5
8.6
1.8
5.7
ns
D
4.3
25.7
2.5
10.7
2.4
7.6
1.6
5.2
ten
OE
Y
4.2
25.2
2.4
11.3
2
7
1.7
4.7
ns
tdis
OE
Y
3.7
15
2
5.8
2.1
5.6
1
4.5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
19
20
22
27
pF


Similar Part No. - SN74LVC1G99YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99YEPR TI1-SN74LVC1G99YEPR Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
More results

Similar Description - SN74LVC1G99YEPR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99_09 Datasheet
629Kb / 24P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
logo
Unisonic Technologies
U74LVC1G99 UTC-U74LVC1G99 Datasheet
229Kb / 8P
   ULTRA-CONFIGURABLE MULTIPLE- FUMCTION GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com