Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4912L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4912L
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4912L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4912L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4912L Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AO4912
Symbol
Units
RθJL
Symbol
Units
RθJL
RθJL
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Maximum Junction-to-Lead
C
Steady-State
71
32
47.5
RθJA
62.5
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
110
110
Maximum Junction-to-Lead
C
Steady-State
35
Typ
Maximum Junction-to-Ambient
A
Steady-State
Parameter: Thermal Characteristics MOSFET Q1
Maximum Junction-to-Ambient
A
t ≤ 10s
40
Thermal Characteristics Schottky
62.5
40
48
74
62.5
°C/W
Maximum Junction-to-Ambient
A
Steady-State
Max
°C/W
°C/W
Parameter: Thermal Characteristics MOSFET Q2
Typ
Max
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
48
74
110
Maximum Junction-to-Lead
C
Steady-State
35
40
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 4: Aug 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4912L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4912 KEXIN-AO4912 Datasheet
2Mb / 7P
   Dual N-Channel MOSFET
More results

Similar Description - AO4912L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4824 AOSMD-AO4824 Datasheet
134Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com