Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4912 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AO4912
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4912 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AO4912 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4912 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AO4912
Symbol
Min
Typ
Max
Units
BVDSS
30
V
0.007 0.05
3.2
10
12
20
IGSS
100
nA
VGS(th)
1
1.8
3
V
ID(ON)
30
A
13.8
17
TJ=125°C
20
24
19.7
25
m
gFS
23
S
VSD
0.45
0.5
V
IS
3.5
A
Ciss
971
1165
pF
Coss
190
pF
Crss
110
pF
Rg
0.7
0.85
Qg(10V)
19.2
23
nC
Qg
9.36
11.2
nC
Qgs
2.6
nC
Qgd
4.2
nC
tD(on)
5.2
7.5
ns
tr
4.4
6.5
ns
tD(off)
17.3
25
ns
tf
3.3
5
ns
trr
Body Diode + Schottky Reverse Recovery Time
IF=8.5A, dI/dt=100A/µs
19.3
23
ns
Qrr
Body Diode + Schottky Reverse Recovery Charge
IF=8.5A, dI/dt=100A/µs
9.4
11
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current.
(Set
by Schottky leakage)
VR=30V
VR=30V, TJ=125°C
VR=30V, TJ=150°C
mA
Gate-Body leakage current
VDS=0V, VGS= ±20V
m
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=8.5A
VGS=4.5V, ID=7A
Maximum Body-Diode+Schottky Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
Output Capacitance (FET + Schottky)
Forward Transconductance
VDS=5V, ID=8.5A
Diode+Schottky Forward Voltage
IS=1A
Turn-Off Fall Time
Reverse Transfer Capacitance
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
VGS=10V, VDS=15V, RL=1.8Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=15V, ID=8.5A
Total Gate Charge
Turn-On Rise Time
Turn-Off DelayTime
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The value in any given
application depends on the user's specific board design. The current rating is based on the t
≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve provides a
single pulse rating.
F. The Schottky appears in parallel with the MOSFET body diode, even though it is a separate chip. Therefore, we provide the net forward drop, capacitance and
recovery characteristics of the MOSFET and Schottky. However, the thermal resistance is specified for each chip separately.
Rev 4 : Aug 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4912

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4912 KEXIN-AO4912 Datasheet
2Mb / 7P
   Dual N-Channel MOSFET
More results

Similar Description - AO4912

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4824 AOSMD-AO4824 Datasheet
134Kb / 7P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com