Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38B59E3XXXFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M38B59E3XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B59E3XXXFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M38B59E3XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38B59E3XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
DESCRIPTION
The 38B5 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38B5 group has six 8-bit timers, a 16-bit timer, a fluorescent
display automatic display circuit, 12-channel 10-bit A-D converter, a
serial I/O with automatic transfer function, which are available for
controlling musical instruments and household appliances.
The 38B5 group has variations of internal memory size and packag-
ing. For details, refer to the section on part numbering.
For details on availability of microcomputers in the 38B5 group, refer
to the section on group expansion.
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time .......................... 0.48 µs
(at 4.19 MHz oscillation frequency)
Memory size
ROM ............................................. 24K to 60K bytes
RAM ............................................ 512 to 2048 bytes
Programmable input/output ports ............................................. 55
High-breakdown-voltage output ports....................................... 36
Software pull-up resistors ...... (Ports P5, P61 to P65, P7, P84 to P87, P9)
Interrupts .................................................. 21 sources, 16 vectors
Timers ........................................................... 8-bit ! 6, 16-bit ! 1
Serial I/O1 (Clock-synchronized) .................................... 8-bit ! 1
...................... (max. 256-byte automatic transfer function)
Serial I/O2 (UART or Clock-synchronized) ..................... 8-bit ! 1
Fig. 1 Pin Configuration of M38B57MC-XXXFP
Package type : 80P6N-A
80-pin plastic-molded QFP
PIN CONFIGURATION (TOP VIEW)
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P65/SSTB1/AN11
P64/INT4/SBUSY1/AN10
M38B57MC-XXXFP
P63/AN9
P62/SRDY1/AN8
VEE
P76/AN6
P77/AN7
VREF
AVSS
P50/SIN1
P51/SOUT1
P52/SCLK11
P53/SCLK12
P54/RxD
P55/TxD
P56/SCLK21
P57/SRDY2/SCLK22
P86/RTP1/FLD38
P83/FLD35
P82/FLD34
P81/FLD33
P80/FLD32
P37/FLD31
P36/FLD30
P35/FLD29
P34/FLD28
P33/FLD27
P32/FLD26
P31/FLD25
P30/FLD24
P85/RTP0/FLD37
P84/FLD36
PWM .............................................................................14-bit ! 1
8-bit ! 1 (also functions as timer 6)
A-D converter .............................................. 10-bit ! 12 channels
Fluorescent display function ........................ Total 40 control pins
Interrupt interval determination function ..................................... 1
Watchdog timer ............................................................. 20-bit ! 1
Buzzer output ............................................................................. 1
2 Clock generating circuit
Main clock (XIN–XOUT) ......................... Internal feedback resistor
Sub-clock (XCIN–XCOUT) ......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 4.19 MHz oscillation frequency and high-speed selected)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 4.19 MHz oscillation frequency and middle-speed selected)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency and low-speed selected)
Power dissipation
In high-speed mode .......................................................... 35 mW
(at 4.19 MHz oscillation frequency)
In low-speed mode ............................................................ 60 µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Operating temperature range ................................... –20 to 85 °C
APPLICATION
Musical instruments, VCR, household appliances, etc.
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.


Similar Part No. - M38B59E3XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B59EF-XXXFP RENESAS-M38B59EF-XXXFP Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38B59EFFP MITSUBISHI-M38B59EFFP Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B59EFFP RENESAS-M38B59EFFP Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
logo
Mitsubishi Electric Sem...
M38B59EFFS MITSUBISHI-M38B59EFFS Datasheet
3Mb / 355P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
M38B59EFFS RENESAS-M38B59EFFS Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38B59E3XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com