Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4822A Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4822A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4822A Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4822A Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4822A Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4822A Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4822A Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO4822A
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
13.4
16
22
26
0.76
0
5
10
15
20
25
30
01
23
45
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=3V
3.5V
4V
4.5V
10V
0
7
14
21
28
35
1.5
2
2.5
3
3.5
4
4.5
VGS(Volts)
Figure 2: Transfer Characteristics
10
12
14
16
18
20
22
24
26
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
VGS=4.5V
10
20
30
40
50
24
68
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=8.5A
25°C
125°C
ID=8.5A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4822A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4822A AOSMD-AO4822A Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
Guangdong Kexin Industr...
AO4822A KEXIN-AO4822A Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4822A VBSEMI-AO4822A Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4822A AOSMD-AO4822A_10 Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
More results

Similar Description - AO4822A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com