Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL2003-0PF144I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL2003-0PF144I
Description  3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL2003-0PF144I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL2003-0PF144I Datasheet HTML 2Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 3Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 4Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 5Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 6Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 7Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 8Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 9Page - List of Unclassifed Manufacturers QL2003-0PF144I Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
QL2003
3-11
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ……………….. -0.5 to 7.0V
Storage Temperature……..…….. -65
°C to + 150°C
Input Voltage ……….… -0.5 to VCC +0.5V
Lead Temperature ………….…………...…. 300
°C
ESD Pad Protection ….……………
±2000V
DC Input Current ….………………
±20 mA
Latch-up Immunity ……………….
±200 mA
5 Volt OPERATING RANGE
Symbol
Parameter
Industrial
Commercial
Unit
Min
Max
Min
Max
VCC
Supply Voltage
4.5
5.5
4.75
5.25
V
TA
Ambient Temperature
-40
85
0
70
°C
TC
Case Temperature
°C
-X Speed Grade
0.4
2.75
0.46
2.55
K
Delay Factor
-0 Speed Grade
0.4
2.00
0.46
1.85
-1 Speed Grade
0.4
1.61
0.46
1.50
-2 Speed Grade
0.4
1.35
0.46
1.25
DC CHARACTERISTICS over 5V operating range
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IOH = -4 mA
3.7
V
VOH
Output HIGH Voltage
IOH = -24 mA/-16 mA [1]
2.4
V
IOH = -10
µA
VCC-0.1
V
VOL
Output LOW Voltage
IOL = 24 mA/16 mA [1]
0.45
V
IOL = 10
µA
0.1
V
II
Input Leakage Current
VI = VCC or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCC or GND
-10
10
µA
CI
Input Capacitance [2]
10
pF
IOS
Output Short Circuit Current [3]
VO = GND
-15
-120
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Current [4]
VI, VIO = VCC or GND
2 (typ)
10
mA
Notes:
[1]
-24 mA IOH and 24 mA IOL apply only to -1/-2 commercial grade devices. These speed grades are
also PCI-compliant. All other devices have -16 mA IOH and 16 mA IOL specifications.
[2]
Capacitance is sample tested only.
[3]
Only one output at a time. Duration should not exceed 30 seconds.
[4]
For -0/-1/-2 commercial grade devices only. Maximum ICC is 20 mA for -X commercial grade
devices and 15mA for all industrial grade devices. For AC conditions, contact QuickLogic customer
engineering.
3


Similar Part No. - QL2003-0PF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144C ETC1-QL2007-0PF144C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PF144I ETC1-QL2007-0PF144I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84C ETC1-QL2007-0PL84C Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007-0PL84I ETC1-QL2007-0PL84I Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
More results

Similar Description - QL2003-0PF144I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
QL8X12B ETC1-QL8X12B Datasheet
333Kb / 16P
   Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com