Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5937AC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5937AC
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5937AC Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5937AC Datasheet HTML 1Page - Maxim Integrated Products MAX5937AC Datasheet HTML 2Page - Maxim Integrated Products MAX5937AC Datasheet HTML 3Page - Maxim Integrated Products MAX5937AC Datasheet HTML 4Page - Maxim Integrated Products MAX5937AC Datasheet HTML 5Page - Maxim Integrated Products MAX5937AC Datasheet HTML 6Page - Maxim Integrated Products MAX5937AC Datasheet HTML 7Page - Maxim Integrated Products MAX5937AC Datasheet HTML 8Page - Maxim Integrated Products MAX5937AC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
________________________________________________________________ Maxim Integrated Products
1
19-3281; Rev 1; 1/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX5936/MAX5937 are hot-swap controllers for
-10V to -80V rails. The MAX5936/MAX5937 allow circuit
line cards to be safely hot-plugged into a live back-
plane without causing a glitch on the power supply.
These devices integrate a circuit-breaker function
requiring no RSENSE.
The MAX5936/MAX5937 provide a controlled turn-on
for circuit cards, limiting inrush, preventing glitches on
the power-supply rail, and preventing damage to board
connectors and components. Before startup, the
devices perform a Load Probe™ test to detect the
presence of a short-circuit condition. If a short-circuit
condition does not exist, the device limits the inrush
current drawn by the load by gradually turning on the
external MOSFET. Once the external MOSFET is fully
enhanced, the MAX5936/MAX5937 provides overcur-
rent and short-circuit protection by monitoring the volt-
age drop across the RDS(ON) of the external power
MOSFET. The MAX5936/MAX5937 integrate a 400mA
fast GATE pulldown to guarantee that the power
MOSFET is rapidly turned off in the event of an overcur-
rent or short-circuit condition.
The MAX5936/MAX5937 protect the system against
input voltage (VIN) steps by providing VIN step immuni-
ty. The MAX5936/MAX5937 provide an accurate UVLO
voltage. The MAX5936 has an open-drain, active-low
PGOOD output and the MAX5937 has an open-drain,
active-high PGOOD output.
The MAX5936/MAX5937 are offered with 100mV,
200mV, and 400mV circuit-breaker thresholds, in addi-
tion to a non-circuit-breaker option. These devices are
offered in latched and autoretry fault management, are
available in 8-pin SO packages, and specified for the
extended (-40°C to +85°C) temperature range (see the
Selector Guide).
Applications
Servers
Telecom Line Cards
Network Switches
Solid-State Circuit Breaker
Network Routers
Features
o -10V to -80V Operation
o No RSENSE Required
o Drives Large Power MOSFETS
o Programmable Inrush Current Limit During Hot
Plug
o 100mV, 200mV, 400mV, and No-Circuit-Breaker
Threshold Options
o Circuit-Breaker Fault with Transient Rejection
o Shorted Load Detection (Load Probe) Before
Power MOSFET Turn-On
o ±2.4% Accurate Undervoltage Lockout (UVLO)
o Autoretry and Latched Fault Management
Available
o Low Quiescent Current
GATE
LP
VEE
1
2
8
7
PGOOD
(PGOOD)
VOUT
UVLO
STEP_MON
GND
SO
TOP VIEW
3
4
6
5
MAX5936
MAX5937
( ) FOR THE MAX5937.
Pin Configuration
Load Probe is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX5936_ _ESA
-40°C to +85°C
8 SO
MAX5937_ _ESA
-40°C to +85°C
8 SO
Note: The first “_” represents A for the autoretry and L for the
latched fault management option.
The second “_” represents the circuit-breaker threshold.
See the Selector Guide for additional information.
Selector Guide and Typical Operating Circuit appear at end
of data sheet.


Similar Part No. - MAX5937AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5937AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com