Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP56V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EP56V
Description  3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP56V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EP56V Datasheet HTML 1Page - Micrel Semiconductor SY100EP56V Datasheet HTML 2Page - Micrel Semiconductor SY100EP56V Datasheet HTML 3Page - Micrel Semiconductor SY100EP56V Datasheet HTML 4Page - Micrel Semiconductor SY100EP56V Datasheet HTML 5Page - Micrel Semiconductor SY100EP56V Datasheet HTML 6Page - Micrel Semiconductor SY100EP56V Datasheet HTML 7Page - Micrel Semiconductor SY100EP56V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ECL Pro™
SY100EP56V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC —VEE
Power Supply Voltage
6.0
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
IBB
VBB Sink/Source Current
(2)
±0.5
mA
TLEAD
Lead Temperature (soldering, 20sec.)
+260
°C
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air (single-layer PCB)
115
°C/W
(Junction-to-Ambient)
–Still-Air (multi-layer PCB)
75
–500lfpm (multi-layer PCB)
65
θJC
Package Thermal Resistance
21
°C/W
(Junction-to-Case)
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. Due to the limited drive capability, the V
BB reference should only be used for inputs from the same package device (i.e., do not use for other
devices).
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
V
(PECL)
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
(LVPECL)
3.0
3.3
3.8
3.0
3.3
3.8
3.0
3.3
3.8
(ECL)
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
(LVECL)
–3.8
–3.3
–3.0
–3.8
–3.3
–3.0
–3.8
–3.3
–3.0
IEE
Supply Current
50
65
50
65
50
65
mA
No Load
IIH
Input HIGH Current
150
150
150
µAVIN = VIH
IIL
Input LOW Current
All Inputs
0.5
0.5
0.5
µAVIN = VIL
CIN
Input Capacitance (TSSOP)
————
1.0
————
pF
Note:
1. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in
a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY100EP56V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4G MICREL-SY100EP57VK4G Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4GTR MICREL-SY100EP57VK4GTR Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4I MICREL-SY100EP57VK4I Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP57VK4ITR MICREL-SY100EP57VK4ITR Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results

Similar Description - SY100EP56V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com