Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7800 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV7800
Description  High Side Current Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7800 Datasheet(HTML) 5 Page - Supertex, Inc

  HV7800 Datasheet HTML 1Page - Supertex, Inc HV7800 Datasheet HTML 2Page - Supertex, Inc HV7800 Datasheet HTML 3Page - Supertex, Inc HV7800 Datasheet HTML 4Page - Supertex, Inc HV7800 Datasheet HTML 5Page - Supertex, Inc HV7800 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NR031306
HV7800
Application Information
General
The HV7800 offers high side current sensing featuring
accuracy, small size, low component count, low power
consumption, ease of use and low cost. The input voltage
rating of 450V extends the use to off-line applications.
The HV7800 allows measurement of line or load current
for purpose of overcurrent protection, current metering and
current regulation.
High side current sensing, as opposed to ground or low-side
sensing, is desirable or required when:
The current to be measured does not flow in a circuit
associated with ground.
The addition of resistance in the grounding system
will cause issues with safety, EMI, or will lead to
signal degradation due to common impedance
coupling.
Principle of Operation
The operational amplifier and associated MOSFET, as
shown in the block diagram, force a current through resistor
R
A such that VRA is equal to VSENSE. The current through RA
flows to ground through R
B and develops an output voltage
V
OUT, which is equal to VSENSE, given that RA and RB have
equal resistance.
Note that the output is not buffered, having an output
resistance of 3.3kΩ nominal. Loading of the output will affect
gain accuracy and / or bandwidth.
Assume in the following that R
OUT = 4kΩ.
To limit gain error to say 1 part in 1000, the external load
impedance should exceed 4MΩ.
Capacitive loading forms a load pole. The break frequency
follows from:
where
E.g. let R
LOAD = and CLOAD = 1nF, then the load pole is
located at 38.8kHz, giving rise and fall times of 8.8us.
Sense Resistor Considerations
The choice of value of the sense resistor entails a trade-
off between power dissipation from the sense resistor and
accuracy. Power dissipation from the sense resistor is
equal to (V
SENSE • ILOAD). It is generally desirable to maximize
V
SENSE to enhace accuracy, but not to the extent that power
dissipation from the sense resistor becomes objectionable.
Consider the use of Kelvin connections for applications with
a large load current. A typical layout pattern, which minimizes
voltage drops across the sense lines is shown below:
V
SENSE
Preservation of bandwidth requires careful attention to trace
layout and choice of sense resistor. Note that the resistance
of the sense resistor is typically small, and that both the
impedence of printed circuit board traces and the equivalent
series inductance of the sense resistance can be a major part
of the total sense/impedence at high frequency operation.
An inductance of just 1nH contributes an impedence of 3mΩ
at 500kHz.
f
=
••
1
2
πτ
τ =
()
RR
C
B
LOAD
LOAD
//
HV7800
ROUT = 3.3kΩ ± 30%
ILOAD
RSENSE
CLOAD
RLOAD
IN
LOAD
GND
OUT
Sense
Resistor


Similar Part No. - HV7800

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7800K1-G SUTEX-HV7800K1-G Datasheet
661Kb / 7P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 1
HV7800 SUTEX-HV7800_13 Datasheet
661Kb / 7P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 1
More results

Similar Description - HV7800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
   HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
   High-Side Current Monitor
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com