Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON3132 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ON3132
Description  Optoisolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON3132 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ON3132 Datasheet HTML 1Page - Panasonic Semiconductor ON3132 Datasheet HTML 2Page - Panasonic Semiconductor ON3132 Datasheet HTML 3Page - Panasonic Semiconductor ON3132 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Optoisolators (Photocouplers)
CNC1S101,CNZ3132,CNZ3133,CNZ3134
Optoisolators
Overview
CNC1S101 is a DIL type 4-pin single-channel optoisolator which
is housed in a small package. This optoisolator series also includes
the two-channel CNZ3132, the three-channel CNZ3133, and the four-
channel 3134.
The CNC1S101 series has a number of good features, including high I/
O isolation voltage and current transfer ratio (CTR), as well as high
speed response.
Features
High current transfer ratio : CTR
≥ 100%
High I/O isolation voltage : VISO = 5000 Vrms (min.)
Fast response : tr = 2 µs, tf = 3 µs (typ.)
Low dark current : ICEO ≤ 100 nA
UL listed (UL File No. E79920)
Applications
Switching power supply
Computer terminal equipment
System equipment, measuring equipment
Telephones, copier, vending machines
Televisions, VCRs, and other consumer electronics products
Medical equipment and phsical and chemical equipment
Signal transmission between circuits with different potentials
and impedances
Unit : mm
CNC1S101
CNZ3132
CNZ3133
CNZ3134
Unit : mm
Unit : mm
Unit : mm
1: Anode
2: Cathode
3: Emitter
4: Collector
1,3: Anode
2,4: Cathode
5,7: Emitter
6,8: Collector
1,3,5: Anode
2,4,6: Cathode
7,9,11: Emitter
8,10,12: Collector
1,3,5,7: Anode
2,4,6,8: Cathode
9,11,13,15: Emitter
10,12,14,16: Collector
0 to
15˚
0 to
15˚
0 to
15˚
0 to
15˚
1
23
4
1
2
3
4
6
5
8
7
7.62
±0.3
2.54 min.
0.5 min.
6.2
±0.5
7.62
±0.3
6.2
±0.5
0 to
15˚
0 to
15˚
1
2
3
4
5
6
9
10
11
12
7
8
1
2
3
4
5
6
7
8
13
14
15
16
9
10
11
12
7.62
±0.3
6.2
±0.5
0 to
15˚
0 to
15˚
7.62
±0.3
6.2
±0.5
5.2 max.
2.54 min.
0.5 min.
5.2 max.
2.54 min.
0.5 min.
5.2 max.
2.54 min.
0.5 min.
5.2 max.
LED Mark
LED Mark
LED Mark
LED Mark
Pin Connection
Top View
Top View
CNC1S101
Top View
CNZ3133
1
2
4
3
1
2
12
11
3
4
10
9
5
6
8
7
1
2
8
7
3
4
6
5
1
2
16
15
3
4
14
13
5
6
12
11
7
8
10
9
CNZ3132
Top View
CNZ3134


Similar Part No. - ON3132

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
ON3181 PANASONIC-ON3181 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
ON3182 PANASONIC-ON3182 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
ON3183 PANASONIC-ON3183 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
ON3184 PANASONIC-ON3184 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
More results

Similar Description - ON3132

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
logo
NXP Semiconductors
ECG3040 PHILIPS-ECG3040 Datasheet
2Mb / 3P
   Optoisolators
logo
Panasonic Semiconductor
CNZ3731 PANASONIC-CNZ3731 Datasheet
77Kb / 4P
   Optoisolators
CNC7S102 PANASONIC-CNC7S102 Datasheet
28Kb / 1P
   Optoisolators
CNC7H001 PANASONIC-CNC7H001 Datasheet
83Kb / 4P
   Optoisolators (Photocouplers)
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com