Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78468Q Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78468Q
Description  8-BIT Microcontroller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78468Q Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78468Q Datasheet HTML 7Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 8Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 9Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 10Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 11Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 12Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 13Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 14Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
EM78468
8-BIT Microcontroller
Product Specification (V1.1) 04.11.2005
• 7
(This specification is subject to change without further notice)
Table 1 (a) Pin Description for Package of QFP64 and LQFP64
Pin
Pin Number
I/O type
Description
VDD
29
I
* Power supply pin
GND
26
I
* System ground pin
R-OSCI
27
I
* In crystal mode: crystal input
* In RC mode: resistor pull high.
* In PLL mode: connect 0.01μF capacitance to GND
* Connect 0.01μF capacitor to GND and code option
select PLL mode when high oscillator is not use.
OSCO
28
O
* In crystal mode: crystal output
* In RC mode: instruction clock output
Xin
30
I
* In crystal mode:Input pin for sub-oscillator. Connect to a
32.768KHz crystal
* RC mode: this pin is connected with a resistor to high
level.
Xout
31
O
* In crystal: Connect to a 32.768KHz crystal
* In RC mode: instruction clock output
/RESET
25
I
* Low active. If set as /RESET and remains at logic low,
the devices will be reset
P5.4/INT0
32
I/O
* General purpose I/O pin. /external interrupt.
* INT0 interruption source can be set to falling or rising
edge by IOC71 register bit 7 (INT_EDGE).
* Wake up from sleep mode and idle mode when the pin
status changes.
P5.5/INT1
33
I/O
* General purpose I/O pin. /external interrupt.
* Interruption source is a falling edge signal.
* Wake up from sleep mode and idle mode when the pin
status changes.
P5.6/TCC
34
I/O
* General purpose I/O/ external counter input
* This pin works in normal/green/idle mode.
P5.7/IROUT
37
I/O
* General purpose I/O pin or IR/PWM mode output pin,
* Capable of sinking 18mA/5V.
P6.0
~
P6.7
38~45
I/O
* General purpose I/O pin.
* Pull-high, pull-low and open drain function support.
* All pins can wake up from sleep and idle modes when
the pin status changes.
COM3~0
17~20
O
* LCD common output pin.
SEG0~SEG15
16~1
O
* LCD segment output pin.
SEG16/P7.0
~
SEG23/P7.7
64
~
57
O/(I/O)
* LCD segment output pin. Can be shared with general
purposes I/O pin
SEG24/P8.0
~
SEG30/P8.6
SEG31/P8.7
56
~
50
46
O/(I/O)
* LCD segment output pin. Can be shared with general
I/O pin
* For general purpose I/O use, can wake up from sleep
mode and idle mode when the pin status changes.
* For general purposes I/O use, supports pull-high
function.
VB
21
O
* Connect capacitors for LCD bias voltage
VA
22
O
* Connect capacitors for LCD bias voltage
VLCD2
23
O
* One of LCD bias voltage
VLCD3
24
O
* One of LCD bias voltage
NC
35~36
47~49


Similar Part No. - EM78468Q

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78451 EMC-EM78451 Datasheet
363Kb / 54P
   8-Bit Microcontroller
EM78451AP EMC-EM78451AP Datasheet
363Kb / 54P
   8-Bit Microcontroller
EM78451AQ EMC-EM78451AQ Datasheet
363Kb / 54P
   8-Bit Microcontroller
EM78452 EMC-EM78452 Datasheet
533Kb / 54P
   8-Bit Microcontroller
EM78452AQ EMC-EM78452AQ Datasheet
533Kb / 54P
   8-Bit Microcontroller
More results

Similar Description - EM78468Q

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com