Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX1455 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1455
Description  Low-Cost Automotive Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
Detailed Description
The MAX1455 provides amplification, calibration, and
temperature compensation to enable an overall perfor-
mance approaching the inherent repeatability of the
sensor. The fully analog signal path introduces no
quantization noise in the output signal while enabling
digitally controlled trimming with the integrated 16-bit
DACs. The MAX1455 includes four selectable high/low
clipping limits set in discrete 50mV steps from
0.1V/4.9V to 0.25V/4.75V. Offset and span can be cali-
brated to within ±0.02% of span.
The MAX1455 architecture includes a programmable
sensor excitation, a 16-step PGA, a 768-byte (6144 bits)
internal EEPROM, four 16-bit DACs, an uncommitted op
amp, and an on-chip temperature sensor. The MAX1455
also provides a unique temperature compensation strat-
egy that was developed to provide a remarkable degree
of flexibility while minimizing testing costs.
The customer can select from 1 to 114 temperature
points to compensate their sensor. This allows the lati-
tude to compensate a sensor with a simple first-order
linear correction or match an unusual temperature
curve. Programming up to 114 independent 16-bit
EEPROM locations corrects performance in 1.5°C tem-
perature increments over a range of -40°C to +125°C.
For sensors that exhibit a characteristic temperature
performance, a select number of calibration points can
be used with a number of preset values that define the
temperature curve. The sensor and the MAX1455
should be at the same temperature during calibration
and use. This allows the electronics and sensor errors
to be compensated together and optimizes perfor-
mance. For applications where the sensor and elec-
tronics are at different temperatures, the MAX1455 can
use the sensor bridge as an input to correct for temper-
ature errors.
The single pin, serial DIO communication architecture
and the ability to timeshare its activity with the sensor’s
output signal enables output sensing and calibration
programming on a single line by parallel connecting
OUT and DIO. The MAX1455 provides a Secure-Lock
feature that allows the customer to prevent modification
of sensor coefficients and the 52-byte user-definable
EEPROM data after the sensor has been calibrated.
The Secure-Lock feature also provides a hardware
override to enable factory rework and recalibration by
assertion of logic high on the UNLOCK pin.
Low-Cost Automotive Sensor Signal
Conditioner
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1, 15, 16
TEST1,
TEST3,
TEST2
Test Pins. Connect to VSS or leave unconnected.
2
OUT
Analog Output. Internal voltage nodes can be accessed in digital mode. OUT can be parallel
connected to DIO. Bypass OUT to ground with a 0.1µF capacitor to reduce output noise.
3
INP
Positive Input. Can be swapped to INM by the Configuration register.
4
BDR
Bridge Drive Output
5
INM
Negative Input. Can be swapped to INP by the Configuration register.
6VSS
Negative Supply Voltage
7VDD1
Positive Supply Voltage 1. Connect a 0.1µF capacitor from VDD to VSS.
8
AMP+
Auxiliary Op Amp Positive Input
9
AMPOUT
Auxiliary Op Amp Output
10
AMP-
Auxiliary Op Amp Negative Input
11
VDD2
Positive Supply Voltage 2. Connect a 0.47µF capacitor from VDD2 to VSS. Connect VDD2 to VDD1 or
for improved noise performance, connect a 1k
Ω resistor to VDD1.
12
UNLOCK
Secure-Lock Disable. There is a 150µA pulldown to VSS. Connect to VDD to disable Secure-Lock
and enable serial communication.
13
DIO
Digital Input Output. Single-pin serial communication port. There are no internal pullups on DIO.
Connect pullup resistor from DIO to VDD when in digital mode.
14
TEST4
Test Pin. Do not connect.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZMD31030Automotive Sensor Signal Conditioner with LIN Interface 1 2 Zentrum Mikroelektronik Dresden AG
ZMD31035Automotive Sensor Signal Conditioner 1 2 Zentrum Mikroelektronik Dresden AG
MAX1452Low-Cost Precision Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
ZMD31010RBicLite Low-Cost Sensor Signal Conditioner 1 2 3 4 Zentrum Mikroelektronik Dresden AG
ZMD31050DAdvanced Differential Sensor Signal Conditioner 1 2 3 4 5 MoreZentrum Mikroelektronik Dresden AG
ZMD31012Two low-cost sensor signal conditioners ZMD31010 chips in one package 1 2 Zentrum Mikroelektronik Dresden AG
MAX1450Low-Cost 1%-Accurate Signal Conditioner for Piezoresistive Sensors 1 2 3 4 5 MoreMaxim Integrated Products
MAX14570.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation 1 2 3 4 5 MoreMaxim Integrated Products
MAX14581%-Accurate Digitally Trimmed Sensor Signal Conditioner 1 2 3 4 5 MoreMaxim Integrated Products
NV6AFiltering signal conditioner for sensor signal matching to a 4-20mA 2-wire interface 1 2 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl