Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8187 Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN8187
Description  High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 6Page - SMSC Corporation LAN8187 Datasheet HTML 7Page - SMSC Corporation LAN8187 Datasheet HTML 8Page - SMSC Corporation LAN8187 Datasheet HTML 9Page - SMSC Corporation LAN8187 Datasheet HTML 10Page - SMSC Corporation LAN8187 Datasheet HTML 11Page - SMSC Corporation LAN8187 Datasheet HTML 12Page - SMSC Corporation LAN8187 Datasheet HTML 13Page - SMSC Corporation LAN8187 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
Datasheet
Revision 0.6 (02-24-06)
10
SMSC LAN8187/LAN8187I
DATASHEET
Chapter 2 Pin Configuration
2.1
Package Pin-out Diagram and Signal Table
Figure 2.1 Package Pinout (Top View)
GPO1/PHYAD4
GPO0/MII
GPO2
MODE0
MODE1
MODE2
VSS1
NC
TEST0
COL/CRS_DV
CRS
nINT/TX_ER/TXD4
TXD3
VDDIO
TXD2
TXD1
TXD0
VSS5
LAN8187/LAN8187I
1
16
48
33
TEST1
NC
NC
TX_EN
TX_CLK
AMDIX_EN
VDD33
VDD_CORE
VSS2
SPEED100/PHYAD0
CH_SELECT
RX_ER/RXD4
RX_CLK
RX_DV


Similar Part No. - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187-JT SMSC-LAN8187-JT Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I SMSC-LAN8187I Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
More results

Similar Description - LAN8187

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com