Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC402V Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRC402V
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC402V Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRC402V Datasheet HTML 1Page - KEC(Korea Electronics) KRC402V Datasheet HTML 2Page - KEC(Korea Electronics) KRC402V Datasheet HTML 3Page - KEC(Korea Electronics) KRC402V Datasheet HTML 4Page - KEC(Korea Electronics) KRC402V Datasheet HTML 5Page - KEC(Korea Electronics) KRC402V Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2001. 7. 24
4/6
KRC401V~KRC406V
Revision No : 0
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
I
- V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
I
- V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
KRC401V
V =0.2V
O
Ta=25 C
Ta=-25 C
25
-25
100
KRC402V
KRC403V
KRC404V
KRC405V
KRC406V
V =0.2V
O
Ta=25 C
Ta=-25 C
V =0.2V
O
O
V =0.2V
V =0.2V
O
O
V =0.2V
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=25 C
Ta=-25 C


Similar Part No. - KRC402V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC402 KEC-KRC402 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC402E KEC-KRC402E Datasheet
120Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KRC402V

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com