Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC1G32CLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC1G32CLE
Description  2-input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G32CLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC1G32CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G32CLE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LVC1G32
Rev.3.00 Jul. 01, 2004 page 5 of 8
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
1.9
7.2
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
2.8
8.0
ns
CL = 30 pF, RL = 1.0 k
A or B
Y
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
0.8
4.4
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.2
5.5
ns
CL = 30 pF, RL = 500
A or B
Y
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
0.9
3.6
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.1
4.5
ns
CL = 50 pF, RL = 500
A or B
Y
VCC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
0.8
3.4
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.0
4.0
ns
CL = 50 pF, RL = 500
A or B
Y
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
20
2.5
20
3.3
21
Power dissipation capacitance
CPD
5.0
22
pF
f = 10 MHz
Test Circuit
L
Note: C includes probe and jig capacitance.
C
L
Measurement point
RL
*
From Output


Similar Part No. - HD74LVC1G32CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G02 RENESAS-HD74LVC1G02 Datasheet
2Mb / 9P
   2-input NOR Gate
HD74LVC1G02CLE RENESAS-HD74LVC1G02CLE Datasheet
2Mb / 9P
   2-input NOR Gate
HD74LVC1G02CPE RENESAS-HD74LVC1G02CPE Datasheet
2Mb / 9P
   2-input NOR Gate
HD74LVC1G04 RENESAS-HD74LVC1G04 Datasheet
106Kb / 9P
   Inverter
HD74LVC1G04CLE RENESAS-HD74LVC1G04CLE Datasheet
106Kb / 9P
   Inverter
More results

Similar Description - HD74LVC1G32CLE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com