Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7016KC-TU Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7016KC-TU
Description  Advanced PWM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7016KC-TU Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7016KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7016KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
APW7016
www.anpec.com.tw
4
VSEN (pin 1)
Connect this pin to the converter’s voltage output.
The OVP comparator circuits monitor output voltage
status and act over voltage protection by using this
signal.
OCSET(pin 2)
Connect a resistor(R
OCSET) from this pin to the drain
of the upper MOSFET. An internal 200
µA current
source (I
OCS), ROCSET, and the upper MOSFET’s on-
resistance (R
DS(ON)) set the converter over-current
(OC) trip point according to the following equation :
I
PEAK=
An over-current trip resets the soft-start function.
SS (Pin 3)
Connect a capacitor from this pin to ground. This
capacitor, along with an internal 10
µA current source,
sets the soft-start interval of the converter.
VID0-2 (Pins 4-6)
VID0-2 are the input pins to the 3-bit DAC. The states
of these three pins decide the internal voltage refer-
ence (DACOUT). The level of DACOUT sets the con-
verter output voltage and also sets the OVP
thresholds. Table 1 specifies DACOUT for the 8 com-
binations of DAC inputs.
COMP (pin 7) and FB (pin 8)
COMP and FB are the accessiable pins of the error
amplifier. FB pin is the inverting input of the error
amplifier and COMP pin is output of the error amplifier.
These pins provide the compensation for the volt-
age-control feedback loop of the converter.
GND (Pin 9)
GND is signal ground of the IC. All voltage levels are
measured with respect to this pin.
Pin Function Description
PHASE (pin 10)
Connect the PHASE pin to the source of the upper
MOSFET. This pin is used to monitor the voltage
drop across the upper MOSFET for over-current
protection.
UGATE (pin 11)
Connect UGATE to the upper MOSFET gate. This
pin enables the gate drive signal to drive the upper
MOSFET .
BOOT (pin 12)
BOOT pin provides bias voltage to the upper
MOSFET gate driver. A bootstrap circuit could be
used to pump a BOOT voltage for enforcing the driv-
ing capability of the gate driver and improving the
performance of the upper MOSFET.
PGND(pin 13)
PGND pin provides the power ground connection.
Connect this pin to the source of the lower MOSFET.
LGATE (pin 14)
Connect LGATE to the lower MOSFET gate. This pin
enables the gate drive signal to drive the lower
MOSFET.
VCC (pin 15)
Connect VCC to 12V voltage supply. This pin sup-
plies the bias for the chip.
RT (pin 16)
RT pin provides oscillator switching frequency
adujstment. By connecting a resistor (R
T) from this
pin to GND, the nominal 200kHz switching frequency
is increased. Conversely. connecting a pull-up re-
sistor (R
T) from this pin to VCC reduces the switching
frequency.
I
OCSET * ROCSET
r
DS(ON)


Similar Part No. - APW7016KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TR ANPEC-APW7015KC-TR Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7015KC-TU ANPEC-APW7015KC-TU Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
More results

Similar Description - APW7016KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com