Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO9926B Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO9926B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO9926B Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO9926B Datasheet HTML 1Page - Alpha & Omega Semiconductors AO9926B Datasheet HTML 2Page - Alpha & Omega Semiconductors AO9926B Datasheet HTML 3Page - Alpha & Omega Semiconductors AO9926B Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
48
62.5
74
110
RθJL
35
50
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±12
Gate-Source Voltage
Drain-Source Voltage
20
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
6.1
30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
2
1.28
-55 to 150
TA=70°C
ID
7.6
AO9926B
Dual N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 20V
ID = 7.6 A (VGS = 10V)
RDS(ON) < 23mΩ (VGS = 10V)
RDS(ON) < 26mΩ (VGS = 4.5V)
RDS(ON) < 34mΩ (VGS = 2.5V)
RDS(ON) < 52mΩ (VGS = 1.8V)
General Description
The AO9926B uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V while
retaining a 12V VGS(MAX) rating. This device is suitable
for use as a uni-directional or bi-directional load
switch. Standard Product AO9926B is Pb-free (meets
ROHS & Sony 259 specifications). AO9926BL is a
Green Product ordering option. AO9926B and
AO9926BL are electrically identical.
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
G1
D1
S1
G2
D2
S2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO9926B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO9926B AOSMD-AO9926B Datasheet
252Kb / 5P
   20V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO9926B VBSEMI-AO9926B Datasheet
981Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO9926B AOSMD-AO9926B_11 Datasheet
252Kb / 5P
   20V Dual N-Channel MOSFET
More results

Similar Description - AO9926B

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com