Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO8801 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO8801
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO8801 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO8801 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO8801 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO8801 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO8801 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO8801
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
012
345
-VDS (Volts)
Fig 1: On-Region Characteristics
VGS=-1.5V
-2.0V
-2.5V
-4.5V
-8V
-3.0V
0
2
4
6
8
10
0
0.5
1
1.5
2
-VGS(Volts)
Figure 2: Transfer Characteristics
20
40
60
80
02
46
8
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
ID=-4.7A, VGS=-2.5V
ID=-2A, VGS=-1.8V
ID=-4.7A, VGS=-4.5V
20
30
40
50
60
70
80
90
100
02
46
8
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=-4.7A
25°C
125°C
25°C
125°C
VDS=-5V
VGS=-1.8V
VGS=-2.5V
VGS=-4.5V
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO8801

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO8801 VBSEMI-AO8801 Datasheet
1Mb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO8801A AOSMD-AO8801A Datasheet
355Kb / 5P
   20V P-Channel MOSFET
More results

Similar Description - AO8801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com