Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON4602 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON4602
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4602 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON4602 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON4602 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AON4602
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.3
-0.63
-1
V
ID(ON)
-15
A
73
90
TJ=125°C
102
125
95
120
m
Ω
123
160
m
Ω
gFS
47
S
VSD
-0.83
-1
V
IS
-2
A
Ciss
540
pF
Coss
72
pF
Crss
49
pF
Rg
12
Ω
Qg
6.1
nC
Qgs
0.6
nC
Qgd
1.6
nC
tD(on)
10
ns
tr
12
ns
tD(off)
44
ns
tf
22
ns
trr
21
ns
Qrr
7.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-3.8A, dI/dt=100A/μs
Drain-Source Breakdown Voltage
On state drain current
ID=-250μA, VGS=0V
VGS=-1.8V, ID=-1.5A
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-3.4A
Reverse Transfer Capacitance
p-channel MOSFET Electrical Characteristics (T
J=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
μA
Gate Threshold Voltage
VDS=VGS ID=-250μA
VDS=-16V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=-2.5V, ID=-2.5A
IS=-1A,VGS=0V
VDS=-5V, ID=-3.4A
IF=-3.8A, dI/dt=100A/μs
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-3.8A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=2.6Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
μs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 0. Jan. 2006
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AON4602

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4603 AOSMD-AON4603 Datasheet
155Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4604 AOSMD-AON4604 Datasheet
160Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AON4605 AOSMD-AON4605 Datasheet
424Kb / 9P
   30V Complementary MOSFET
More results

Similar Description - AON4602

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com