Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM65571AGH Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM65571AGH
Description  130COM / 128SEG 65K Color STN LCD Driver
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571AGH Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM65571AGH Datasheet HTML 6Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 7Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 8Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 9Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 10Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 11Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 12Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 13Page - ELAN Microelectronics Corp EM65571AGH Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
4
Product Specification (V1.0) 08.04.2005
(This specification is subject to change without further notice)
Pin No.
Pad Name
Coordinate (X, Y)
Pin No.
Pad Name
Coordinate (X, Y)
1
NC1
-9846.8 , -729.0
51
RS
-7235.3 , -734.5
2
COM109
-9801.8 , -729.0
52
RS
-7175.3 , -734.5
3
COM111
-9756.8 , -729.0
53
RS
-7115.3 , -734.5
4
COM113
-9711.8 , -729.0
54
VSSL
-7055.3 , -734.5
5
COM115
-9666.8 , -729.0
55
VSSL
-6995.3 , -734.5
6
COM117
-9621.8 , -729.0
56
VSSL
-6935.3 , -734.5
7
COM119
-9576.8 , -729.0
57
VDD
-6647.3 , -734.5
8
COM121
-9531.8 , -729.0
58
VDD
-6587.3 , -734.5
9
COM123
-9486.8 , -729.0
59
VDD
-6527.3 , -734.5
10
COM125
-9441.8 , -729.0
60
P/S
-6467.3 , -734.5
11
COM127
-9396.8 , -729.0
61
P/S
-6407.3 , -734.5
12
DUMMY
-9351.8 , -729.0
62
P/S
-6347.3 , -734.5
13
DUMMY
-9306.8 , -729.0
63
M86
-6287.3 , -734.5
14
DUMMY
-9261.8 , -729.0
64
M86
-6227.3 , -734.5
15
DUMMY
-9216.8 , -729.0
65
M86
-6167.3 , -734.5
16
DUMMY
-9171.8 , -729.0
66
VSSL
-6107.3 , -734.5
17
DUMMY
-9126.8 , -729.0
67
VSSL
-6047.3 , -734.5
18
DUMMY
-9081.8 , -729.0
68
VSSL
-5987.3 , -734.5
19
DUMMY
-9036.8 , -729.0
69
VSSL
-5927.3 , -734.5
20
DUMMY
-8991.8 , -729.0
70
WRB
-5867.3 , -734.5
21
DUMMY
-8946.8 , -729.0
71
WRB
-5807.3 , -734.5
22
DUMMY
-8901.8 , -729.0
72
WRB
-5747.3 , -734.5
23
DUMMY
-8856.8 , -729.0
73
RDB
-5687.3 , -734.5
24
DUMMY
-8811.8 , -729.0
74
RDB
-5627.3 , -734.5
25
DUMMY
-8766.8 , -729.0
75
RDB
-5567.3 , -734.5
26
DUMMY
-8721.8 , -729.0
76
VDD
-5279.3 , -734.5
27
DUMMY
-8676.8 , -729.0
77
VDD
-5219.3 , -734.5
28
COMB
-8631.8 , -729.0
78
VDD
-5159.3 , -734.5
29
NC2
-8576.3 , -729.0
79
VPP
-4859.3 , -734.5
30
VSSL
-8495.3 , -734.5
80
VPP
-4799.3 , -734.5
31
VSSL
-8435.3 , -734.5
81
VPP
-4739.3 , -734.5
32
VSSL
-8375.3 , -734.5
82
NC14
-4439.3 , -734.5
33
VSSL
-8315.3 , -734.5
83
D0
-4379.3 , -734.5
34
VSSL
-8255.3 , -734.5
84
D0
-4319.3 , -734.5
35
VSSL
-8195.3 , -734.5
85
D0
-4259.3 , -734.5
36
VSSL
-8135.3 , -734.5
86
D1
-4199.3 , -734.5
37
VSSL
-8075.3 , -734.5
87
D1
-4139.3 , -734.5
38
VSSL
-8015.3 , -734.5
88
D1
-4079.3 , -734.5
39
VSSL
-7955.3 , -734.5
89
D2
-4019.3 , -734.5
40
VSSL
-7895.3 , -734.5
90
D2
-3959.3 , -734.5
41
VSSL
-7835.3 , -734.5
91
D2
-3899.3 , -734.5
42
TEST
-7775.3 , -734.5
92
D3
-3839.3 , -734.5
43
TEST
-7715.3 , -734.5
93
D3
-3779.3 , -734.5
44
TEST
-7655.3 , -734.5
94
D3
-3719.3 , -734.5
45
RESB
-7595.3 , -734.5
95
D4
-3431.3 , -734.5
46
RESB
-7535.3 , -734.5
96
D4
-3371.3 , -734.5
47
RESB
-7475.3 , -734.5
97
D4
-3311.3 , -734.5
48
CSB
-7415.3 , -734.5
98
D5
-3251.3 , -734.5
49
CSB
-7355.3 , -734.5
99
D5
-3191.3 , -734.5
50
CSB
-7295.3 , -734.5
100
D5
-3131.3 , -734.5


Similar Part No. - EM65571AGH

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65570AGH EMC-EM65570AGH Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65570S EMC-EM65570S Datasheet
729Kb / 102P
   68COM/98SEG 65K Color STN LCD Drivers
EM65570SAGH EMC-EM65570SAGH Datasheet
729Kb / 102P
   68COM/98SEG 65K Color STN LCD Drivers
More results

Similar Description - EM65571AGH

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65570S EMC-EM65570S Datasheet
729Kb / 102P
   68COM/98SEG 65K Color STN LCD Drivers
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com