Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD436L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD436L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD436L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD436L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD436L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD436L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD436L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD436L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
14.2
20
39
50
RθJC
23
2.5
W
TA=70°C
1.6
W
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
ID
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
B
30
Maximum Junction-to-Ambient
A
Steady-State
60
43
130
Avalanche Current
C
30
Power Dissipation
A
TA=25°C
PDSM
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current
Power Dissipation
B
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
A
Repetitive avalanche energy L=0.1mH
C
113
mJ
AOD436
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 60A (VGS = 10V)
RDS(ON) < 7.5mΩ (VGS = 10V)
RDS(ON) < 13mΩ (VGS = 4.5V)
General Description
The AOD436 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. This device is ideally suited for use
as a high side switch in CPU core power conversion.
Standard Product AOD436 is Pb-free (meets ROHS
& Sony 259 specifications). AOD436L is a Green
Product ordering option. AOD436 and AOD436L are
electrically identical.
G
D
S
G
D
S
TO-252
D-PAK
Top View
Drain Connected
to Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD436L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD436 ISC-AOD436 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD436L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com