Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1013 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1013
Description  EZBuck TM 3A Simple Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1013 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1013 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1013 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
^lwNMNP
February 2006
www.aosmd.com
Page 4 of 16
Functional Block Diagram
500Khz
OSCILLATOR
UVLO
&
POR
LX
FB
PGND
COMP
EN
AGND
+
-
PWM
CONTROL
LOGIC
+
+
ISEN
ILIMIT
PWM
COMP
5V LDO
REGULATOR
+
-
EAMP
Internal +5V
REFERENCE
&
BIAS
OTP
SOFTSTART
0.8V
LX
Vin
Q1


Similar Part No. - AOZ1013

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
   EZBuck??3A Simple Regulator
More results

Similar Description - AOZ1013

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212 AOSMD-AOZ1212 Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1212DI AOSMD-AOZ1212DI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
AOZ1092DI AOSMD-AOZ1092DI Datasheet
518Kb / 16P
   EZBuck??3A Simple Buck Regulator
AOZ1212AI AOSMD-AOZ1212AI Datasheet
571Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1012D AOSMD-AOZ1012D Datasheet
795Kb / 17P
   EZBuck??3A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1014 AOSMD-AOZ1014 Datasheet
1Mb / 21P
   EZBuck TM 5A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com