Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCF07MJNE36 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # CCF07MJNE36
Description  Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

CCF07MJNE36 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  CCF07MJNE36 Datasheet HTML 1Page - Vaishali Semiconductor CCF07MJNE36 Datasheet HTML 2Page - Vaishali Semiconductor CCF07MJNE36 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
13
CCF07
Vishay Dale
Document Number: 31013
Revision 08-Dec-05
For Technical Questions, contact ff3dresistors@vishay.com
DIMENSIONS
in inches [millimeters]
PERFORMANCE
* Test Methods per MIL-STD-202G/IEC 60115/DIN EN 140000 (as applicable).
** Life ∆R is ± 2.0 % for 1/2 watt rating.
0.245
± 0.020
[6.22
± 0.51]
1.100
± 0.040
[27.94
± 1.02]
0.090
± 0.008
[2.29
± 0.20]
Refer to note for
Wire Dia.
Metal Film Resistors, Industrial
RESISTANCE VALUES
Vishay Dale Model CCF07 is available in the standard 24 resistance values per decade. Values are obtained from the following decade table
by multiplying by powers of 10. As an example: 24 can represent 24 ohm, 240 ohm, 2.4 kohm, 24 kohm or 240 kohm.
10
11
12
13
15
16
56
62
68
75
82
91
33
36
39
43
47
51
18
20
22
24
27
30
- Color band
MARKING
TEST*
MAX.
R (Typical Test Lots)
Thermal Shock
± 1.0 %
Short Time Overload
± 0.5 %
Low Temperature Operation
± 0.5 %
Moisture Resistance
± 1.5 %
Resistance to Soldering Heat
± 0.5 %
Shock / Bump
± 0.5 %
Vibration
± 0.5 %
Terminal Strength
± 0.5 %
Dielectric Withstanding Voltage
± 0.5 %
Life
± 1.5 %**
- 65 - 50 - 25
0
25
50
70 75 100
125
150
175 200
AMBIENT TEMPERATURE IN
˚C
DERATING
120
100
80
60
40
20
0
*Note: Wire Dia.
CCF07 (Sn/Pb) = 0.025 ± 0.002 [0.64 ± 0.05]
CCF07 (Sn) = 0.023 ± 0.002 [0.60 ± 0.05]


Similar Part No. - CCF07MJNE36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE36 VISHAY-CCF021M00FKE36 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE361 VISHAY-CCF021M00FKE361 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE3611 VISHAY-CCF021M00FKE3611 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE36999 VISHAY-CCF021M00FKE36999 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
More results

Similar Description - CCF07MJNE36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
New Jersey Semi-Conduct...
BZY88C8V1 NJSEMI-BZY88C8V1 Datasheet
120Kb / 2P
   Standard Voltage Tolerance is 짹 5 %
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
List of Unclassifed Man...
OM5155 ETC1-OM5155 Datasheet
110Kb / 2P
   Carbon Film Resistors 5% Tolerance
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 09-Sep-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com