Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1537PA Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN1537PA
Description  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537PA Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FAN1537PA Datasheet HTML 1Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 2Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 3Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 4Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 5Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 6Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 7Page - Fairchild Semiconductor FAN1537PA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FAN1537
PRODUCT SPECIFICATION
7
REV. 1.1.1 3/20/02
Mechanical Dimensions
5-Lead TO-252 Package
(2.90)
10
°
0
°
1.78
1.40
GAGE PLANE
0.60
0.40
3
SEATING PLANE
0.13 MAX
(1.54)
1
2
0.51
(5.09)
(4.05)
SEE
DETAIL A
0.25 M
C
1
MC
A
1.27
0.50
1.02
0.60
4
2
5.64
5.04
1
6.25
A
2.40
2.18
B
0.10
10.42
9.20
0.60
0.40
3.00 MIN
B
6.56 MIN
6.00 MIN
3
5
0.57
±0.07
0.69
±0.15
1.27
5.08
5
4
6.80
6.35
6.30
5.90
3.81
1.00
(0.44)
1.27
1.27
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) ALL DIMENSIONS ARE IN MILLIMETERS.
B) THIS PACKAGE CONFORMS TO JEDEC, TO-252,
ISSUE C, VARIATION AA, DATED NOV. 1999.
(ROTATED 90
°)
SCALE: 2X
DETAIL A


Similar Part No. - FAN1537PA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Similar Description - FAN1537PA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com