Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62554 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M62554
Description  GENERAL PURPOSE C-MOS OP AMP(SINGLE/DUAL/QUAD)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62554 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62554 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62554 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62554 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUBISHI <STD LINEAR ICs>
GENERAL PURPOSE C•MOS OP AMP(SINGLE/DUAL/QUAD)
M6255X Series
P
P R
R E
E L
L IIM
M IIN
N A
A R
R Y
Y
Notice:This
is not
a final
specification.
Some
parametric
limits
are subject
to change.
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products
better and more reliable, but there is always the possibility that trouble may occur with
them.Trouble with semiconductors may lead to personal injury, fire or property damage.
Remember to give due consideration to safety when making your circuit design, in order to
prevent fires from spreading, redundancy, malfunction or other mishap.
¡
MEASUREMENT CIRCUIT
ICC
5V
2.5V
(1) CIRCUIT CURRENT
(2) INPUT OFFSET VOLTAGE
2.5V
VIO
(3) COMMON MODE REJECTION RATIO
(4) SUPPLY VOLTAGE REJECTION RATIO
APPLICATION
(1) VOLTAGE FOLLOWER
VCC
1/2VCC
VO (AC)
SVRR=20log{(VCC1-VCC2) X Rf/Rs) / (VO1-VO2)}
Rf
1/2VCC
Rs
Rs
2.5V
-10dB
Rf
Rs
Rs
Rf
VO (AC)
CMRR=(VIN/VO) X Rf/Rs
1KHz
5
V
VIN
RL
VCC
1
µF
VIN
VCC
1
µF
(2) REVEL DETECTOR
*VO1:VCC1 OUTPUT
VO2:VCC2 OUTPUT
( 3 / 3 )


Similar Part No. - M62554

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M6255X RENESAS-M6255X Datasheet
1Mb / 4P
   GENERAL PURPOSE C-MOS OP AMP(SINGLE/DUAL/QUAD)
More results

Similar Description - M62554

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M6255X RENESAS-M6255X Datasheet
1Mb / 4P
   GENERAL PURPOSE C-MOS OP AMP(SINGLE/DUAL/QUAD)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
logo
National Semiconductor ...
CLC430 NSC-CLC430 Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com