Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1860NHM Datasheet(PDF) 1 Page - International Rectifier

Part # OM1860NHM
Description  1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1860NHM Datasheet(HTML) 1 Page - International Rectifier

  OM1860NHM Datasheet HTML 1Page - International Rectifier OM1860NHM Datasheet HTML 2Page - International Rectifier OM1860NHM Datasheet HTML 3Page - International Rectifier OM1860NHM Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 83
3.3
OM1860NKM
Three Terminal, Positive Adjustable
Low Dropout Voltage Regulator In
Hermetic Packages
1 08 R3
Supersedes 4 11 R2
1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE
REGULATOR APPROVED TO DESC DRAWING 5962-89981
FEATURES
• Similar To Industry Standard LT1086
• Approved To DESC Standardized Military Drawing Number 5962-89981
• Adjustable Output Voltage
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Maximum Output Voltage Tolerance is Guaranteed To ±1%
• Guaranteed Dropout Voltage At Multiple Current Levels
• TO-257 Available in Isolated and Non-Isolated Packages
DESCRIPTION
This three terminal positive adjustable voltage regulator is designed to provide 1.5A
with higher efficiency than conventional voltage regulators. This device is designed
to operate to 1 Volt input to output differential and the dropout voltage is specified as
a function of load current. Supplied in easy-to-use hermetic TO-257, TO-3 and
TO-39 packages, this device is ideally suited for Military applications where small size
and high reliability is required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Power Dissipation (Pd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance:
θ
JC (TO-257, Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42°C/W
θ
JC (TO-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.0°C/W
θ
JA (TO-3)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35°C/W
θ
JC (TO-39) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
40°C/W
θ
JA (TO-39) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
140°C/W
Maximum Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
Recommended Operating Conditions:
Output Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3V to 15 V
Ambient Operating Temperature Range (TA) . . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 25 V
OM1860STM
OM1860NHM


Similar Part No. - OM1860NHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1860NHM ETC2-OM1860NHM Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
More results

Similar Description - OM1860NHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com