Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1727EUG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1727EUG
Description  GSM Cellular/PCN Handset RF Power Management IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1727EUG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1727EUG Datasheet HTML 1Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 2Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 3Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 4Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 5Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 6Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 7Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 8Page - Maxim Integrated Products MAX1727EUG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GSM Cellular/PCN Handset RF Power
Management IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.1V to +5.5V, VPC = +2.8V to +5.5V, GND = 0, CBYP = 0.01µF, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VPC to GND......................................................-0.3V to +7V
PC1-, PC1+, PC2-, PC2+ to GND ............................-0.3V to +7V
GSM/PCN, BANDSWIN to GND ...............................-0.3V to +7V
PC1OUT, PC2OUT to GND ......................................-0.3V to +7V
R1OUT, R2OUT, R3BYP to GND................-0.3V to (VCC + 0.3V)
R3OUT, CBYP to GND ..........................-0.3V to (VR3BYP + 0.3V)
R1EN, R2EN, R3EN, ENVCO,
PCEN to GND ..........................................-0.3V to (VCC + 0.3V)
VCOOUT to GND ..................................-0.3V to (VR3OUT + 0.3V)
GSMAPC, PCNAPC to GND ...........-0.3V to (VBANDSWIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 12.2mW/°C above +70°C) ......975mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature(soldering, 10s) ..................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
3.1
5.5
V
VPC Operating Voltage
2.8
5.5
V
UVLO Falling
VCC falling
2.3
2.4
V
UVLO Rising
VCC rising
2.5
2.62
V
SUPPLY CURRENT
Supply Current in Shutdown
All regulators and op amps off, VCC = +3.6V
0.01
10
µA
VCC + VPC Supply Current
All regulators and op amps on, VCC = VPC
1.80
3.0
mA
REFERENCE
Reference Bypass Output
ICBYP = 0, do not draw current from this pin
1.225
1.250
1.275
V
REF Supply Rejection
+3.1V
≤ VCC ≤ +5.5V
0.2
5
mV
REGULATOR R1
R1OUT Output Voltage
0.1mA
≤ IR1OUT ≤ 100mA
2.80
2.90
3.00
V
IR1OUT = 1mA
1
Dropout Voltage
IR1OUT = 100mA
100
225
mV
Load Regulation
0.1mA
≤ IR1OUT ≤ 100mA
8
45
mV
Line Regulation
+3.1V
≤ VCC ≤ +5.5V, IR1OUT = 10mA
0.5
10
mV
R1OUT Leakage Current
R1EN, R1OUT = 0, VCC = +5.5V
2
µA
REGULATOR R2
R2OUT Output Voltage
0.1mA
≤ IR2OUT ≤ 50mA
2.61
2.75
2.90
V
IR2OUT = 1mA
1
mV
Dropout Voltage
IR2OUT = 50mA
100
225
Load Regulation
0.1mA
≤ IR2OUT ≤ 50mA
8
45
mV
Line Regulation
+3.1V
≤ VCC ≤ +5.5V, IR2OUT = 10mA
0.5
10
mV
R2OUT Leakage Current
R2EN, R2OUT = 0, VCC = +5.5V
2
µA
REGULATOR R3
R3OUT Output Voltage
0.1mA
≤ IR3OUT ≤ 20mA
2.61
2.75
2.90
V
IR3OUT = 1mA
1
Dropout Voltage
IR3OUT = 20mA
45
100
mV


Similar Part No. - MAX1727EUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17270 MAXIM-MAX17270 Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270AENE++ MAXIM-MAX17270AENE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270ENE++ MAXIM-MAX17270ENE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270ETE++ MAXIM-MAX17270ETE+ Datasheet
1Mb / 37P
   nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
19-100234; Rev 5; 9/19
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
   2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
More results

Similar Description - MAX1727EUG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Maxim Integrated Produc...
MAX8890 MAXIM-MAX8890 Datasheet
233Kb / 12P
   Integrated Cellular RF-Section Power-Management IC
logo
Hitachi Semiconductor
HD155111F HITACHI-HD155111F Datasheet
473Kb / 44P
   RF Single-chip Linear IC for PCN Cellular Systems
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com