Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8882 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN8882
Description  Head amplifier IC for CD-ROM drive for 32 times speed or more
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8882 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN8882 Datasheet HTML 1Page - Panasonic Semiconductor AN8882 Datasheet HTML 2Page - Panasonic Semiconductor AN8882 Datasheet HTML 3Page - Panasonic Semiconductor AN8882 Datasheet HTML 4Page - Panasonic Semiconductor AN8882 Datasheet HTML 5Page - Panasonic Semiconductor AN8882 Datasheet HTML 6Page - Panasonic Semiconductor AN8882 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN8882SB
ICs for Compact Disc/CD-ROM Player
4
s Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current consumption with no load 1ITOTAL1 VCC1 = 5 V, VCC2 = 3.3 V
28.1
40.1
52.1
mA
VEQCTL = VREF2 − 0.3 V
Current consumption with no load 2ITOTAL2 VCC1 = 5 V, VCC2 = 3.3 V
1.80
2.57
3.34
mA
VEQCTL = VREF2 − 0.3 V
VREF1 output voltage
VREF1
VCC1 = 5 V, VCC2 = 3.3 V
2.27
2.50
2.73
V
VREF2 output voltage
VREF2
VCC1 = 5 V, VCC2 = 3.3 V
1.50
1.65
1.80
V
Focus error amp.
Focus error amp.
VFO−OF VCC1 = 5 V, VCC2 = 3.3 V
−90
0
90
mV
output offset voltage
Focus error amp.
GFO
VCC1 = 5 V, VCC2 = 3.3 V
14.3
16.4
18.5
dB
V-V conversion gain
VGC = VREF2 − 0.3 V
Focus error amp.
BFO1−H VCC1 = 5 V, VCC2 = 3.3 V
11.3
13.4
15.5
dB
balance output 1
VFB = VREF2 +0.5 V
Focus error amp.
BFOH
VCC1 = 5 V, VCC2 = 3.3 V
−3.0
0
3.0
dB
balance relative output 2
VFB = VREF2 − 0.5 V
Focus error amp.
GFOF
VCC1 = 5 V, VCC2 = 3.3 V
−4.5
−3.0
−1.5
dB
frequency characteristics
f
= 3 kHz, 60 kHz
Focus error amp.
BFO4
VCC1 = 5 V, VCC2 = 3.3 V
3.0
4.0
5.0
GCTRL gain ratio
VGC = VREF2 +0.3 V
Tracking error amp.
Tracking error amp.
VTR−OF VCC1 = 5 V, VCC2 = 3.3 V
−70
0
70
mV
output offset voltage
Tracking error amp.
GTR
VCC1 = 5 V, VCC2 = 3.3 V
14.5
16.6
18.7
dB
V
−V conversion gain
VGC = VREF2 − 0.3 V
Tracking error amp.
BTR1−H VCC1 = 5 V, VCC2 = 3.3 V
11.3
13.4
15.5
balance output 1
VTB = VREF2 +0.5 V
Tracking error amp.
BTRH
VCC1 = 5 V, VCC2 = 3.3 V
−3.0
0
3.0
dB
balance relative output 2
VTB = VREF2 − 0.5 V
Tracking error amp.
GTRF
VCC1 = 5 V, VCC2 = 3.3 V
−5.1
− 0.6
dB
frequency characteristics
f
= 30 kHz, 510 kHz
Tracking error amp.
BTR4
VCC1 = 5 V, VCC2 = 3.3 V
3.0
4.0
5.0
GCTRL gain ratio
VGC = VREF2 +0.3 V
RF addition amp.
RF addition amp.
GRADA1 VCC1 = 5 V, VCC2 = 3.3 V
10.5
12.0
13.5
dB
full-addition gain 1
VEQCTL = VREF2 − 0.5 V
RF addition amp.
GRADA2 VCC1 = 5 V, VCC2 = 3.3 V
10.5
12.0
13.5
dB
full-addition gain 2
VEQCTL = VREF2 − 0.3 V


Similar Part No. - AN8882

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN880 PANASONIC-AN880 Datasheet
192Kb / 14P
   THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
Panasonic Semiconductor
AN8806SB PANASONIC-AN8806SB Datasheet
89Kb / 10P
   Three-Beam Method Head Amplifier IC for CD Player
logo
List of Unclassifed Man...
AN8806SB ETC2-AN8806SB Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN8807 PANASONIC-AN8807 Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
More results

Similar Description - AN8882

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8847SB PANASONIC-AN8847SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 32 times speed or more
AN8849SB PANASONIC-AN8849SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 24 times speed or more
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
logo
Sharp Corporation
IS1604 SHARP-IS1604 Datasheet
31Kb / 2P
   OPIC Light Detector for 4 times Speed CD-ROM Drive
logo
Panasonic Semiconductor
AN8807SB PANASONIC-AN8807SB Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
Hitachi Semiconductor
HA12188AF HITACHI-HA12188AF Datasheet
248Kb / 35P
   Pre-Amplifier and Servo IC for Quadruple-Speed CD-ROM
logo
Panasonic Semiconductor
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Sharp Corporation
IS1682 SHARP-IS1682 Datasheet
53Kb / 2P
   OPIC Light Detector for X40 Speed CD-ROM Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com