Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA333AIDG4
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA333AIDG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA333AIDG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA333AIDG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OPA333
OPA2333
SBOS351 − MARCH 2006
www.ti.com
8
ACHIEVING OUTPUT SWING TO THE OP
AMP NEGATIVE RAIL
Some applications require output voltage swings from 0V
to a positive full-scale voltage (such as +2.5V) with
excellent accuracy. With most single-supply op amps,
problems arise when the output signal approaches 0V,
near the lower output swing limit of a single-supply op amp.
A good single-supply op amp may swing close to
single-supply ground, but will not reach ground. The output
of the OPA333 and OPA2333 can be made to swing to
ground, or slightly below, on a single-supply power source.
To do so requires the use of another resistor and an
additional, more negative, power supply than the op amp
negative supply. A pull-down resistor may be connected
between the output and the additional negative supply to
pull the output down below the value that the output would
otherwise achieve, as shown in Figure 2.
V
OUT
R
P = 20kΩ
Op Amp V
− =Gnd
OPA333
V
IN
V+=+5V
−5V
Additional
Negative
Supply
Figure 2. For VOUT Range to Ground
The OPA333 and OPA2333 have an output stage that
allows the output voltage to be pulled to its negative supply
rail, or slightly below, using the technique previously
described. This technique only works with some types of
output stages. The OPA333 and OPA2333 have been
characterized to perform with this technique; however, the
recommended resistor value is approximately 20k
Ω. Note
that
this
configuration
will
increase
the
current
consumption
by
several
hundreds
of
microamps.
Accuracy is excellent down to 0V and as low as −2mV.
Limiting and nonlinearity occurs below−2mV, but excellent
accuracy returns as the output is again driven above
−2mV. Lowering the resistance of the pull-down resistor
will allow the op amp to swing even further below the
negative rail. Resistances as low as 10k
Ω can be used to
achieve excellent accuracy down to −10mV.
GENERAL LAYOUT GUIDELINES
Attention
to
good
layout
practices
is
always
recommended. Keep traces short and, when possible, use
a printed circuit board (PCB) ground plane with
surface-mount components placed as close to the device
pins as possible. Place a 0.1
µF capacitor closely across
the supply pins. These guidelines should be applied
throughout the analog circuit to improve performance and
provide
benefits
such
as
reducing
the
EMI
(electromagnetic-interference) susceptibility.
Operational amplifiers vary in their susceptibility to radio
frequency interference (RFI). RFI can generally be
identified as a variation in offset voltage or dc signal levels
with changes in the interfering RF signal. The OPA333 has
been specifically designed to minimize susceptibility to
RFI
and
demonstrates
remarkably
low
sensitivity
compared to previous generation devices. Strong RF
fields may still cause varying offset levels..
++
+
−−
4.096V
0.1
µF
+5V
Zero Adj.
K−Type
Thermocouple
40.7
µV/_C
R
2
549
R
9
150k
R
5
31.6k
R
1
6.04k
R
6
200
+5V
0.1
µF
R
2
2.94k
V
O
R
3
60.4
R
4
6.04k
O PA333
D1
REF3140
Figure 3. Temperature Measurement


Similar Part No. - OPA333AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333AIDG4 TI-OPA333AIDG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333AIDG4 TI1-OPA333AIDG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDG4 TI1-OPA333AIDG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com