Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616HSA-4LI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1LV1616HSA-4LI
Description  Wide Temperature Range Version 16 M SRAM (1-Mword16-bit / 2-Mword8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HSA-4LI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1LV1616HSA-4LI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 9Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 10Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 11Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 12Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 13Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 14Page - Renesas Technology Corp R1LV1616HSA-4LI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
R1LV1616H-I Series
Rev.1.01, Nov.18.2004, page 11 of 19
Read Cycle
R1LV1616H-I
-4SI, -4LI
-5SI
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
tRC
45
55
ns
Address access time
tAA
45
55
ns
Chip select access time
tACS1
45
55
ns
tACS2
45
55
ns
Output enable to output valid
tOE
30
35
ns
Output hold from address change
tOH
10
10
ns
LB#, UB# access time
tBA
45
55
ns
Chip select to output in low-Z
tCLZ1
10
10
ns
2, 3
tCLZ2
10
10
ns
2, 3
LB#, UB# enable to low-Z
tBLZ
5
5
ns
2, 3
Output enable to output in low-Z
tOLZ
5
5
ns
2, 3
Chip deselect to output in high-Z
tCHZ1
0
20
0
20
ns
1, 2, 3
tCHZ2
0
20
0
20
ns
1, 2, 3
LB#, UB# disable to high-Z
tBHZ
0
15
0
20
ns
1, 2, 3
Output disable to output in high-Z
tOHZ
0
15
0
20
ns
1, 2, 3
Write Cycle
R1LV1616H-I
-4SI, -4LI
-5SI
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
tWC
45
55
ns
Address valid to end of write
tAW
45
50
ns
Chip selection to end of write
tCW
45
50
ns
5
Write pulse width
tWP
35
40
ns
4
LB#, UB# valid to end of write
tBW
45
50
ns
Address setup time
tAS
0
0
ns
6
Write recovery time
tWR
0
0
ns
7
Data to write time overlap
tDW
25
25
ns
Data hold from write time
tDH
0
0
ns
Output active from end of write
tOW
5
5
ns
2
Output disable to output in high-Z
tOHZ
0
15
0
20
ns
1, 2
Write to output in high-Z
tWHZ
0
15
0
20
ns
1, 2


Similar Part No. - R1LV1616HSA-4LI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HSA-4SI RENESAS-R1LV1616HSA-4SI Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
More results

Similar Description - R1LV1616HSA-4LI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I Datasheet
121Kb / 15P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62V16100I RENESAS-HM62V16100I Datasheet
211Kb / 25P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Renesas Technology Corp
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com