Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB0415C Datasheet(PDF) 4 Page - Protek Devices

Part # USB0415C
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0415C Datasheet(HTML) 4 Page - Protek Devices

  USB0415C Datasheet HTML 1Page - Protek Devices USB0415C Datasheet HTML 2Page - Protek Devices USB0415C Datasheet HTML 3Page - Protek Devices USB0415C Datasheet HTML 4Page - Protek Devices USB0415C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05205.R0 4/05
USB0403
thru
USB0424C
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
The path length between the TVS device and the
protected line should be minimized.
All conductive loops including power and ground
loops should be minimized.
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
The USB04 Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD and EFT. This product series provides
both unidirectional and bidirectional protection, with a surge capability of 350 Watts P
PP per line for an 8/20µs waveform and ESD protection > 40kV.
UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The two USB04 Series devices provide protection in a common-mode
configuration as depicted in Figure 1.
Circuit connectivity is as follows:
TVS Device 1: Line 1(D+) is connected to Pins 2 & 3.
TVS Device 2: Line 2(D-) is connected to Pins 2 & 3.
Both TVS Devices: Pins 1 & 4 connected to ground.
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The USB04xxC Series provides protection in a differential-mode configuration
as depicted in Figure 2.
Circuit connectivity is as follows:
Line 1(R
X) is connected to Pins 1 & 4.
Line 2(T
X) is connected to Pins 2 & 3.
Figure 1 - Unidirectional Configuration (Two TVS Devices)
Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
1
4
3
2
1
4
2
3
D+
USB IC
D-
GND
SOLDER PAD
Figure 2 - Bidirectional Configuration
Differential-Mode Ethernet Protection
1
4
3
2
R
R
T
X
R
X


Similar Part No. - USB0415C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0415C MICROSEMI-USB0415C Datasheet
159Kb / 2P
   TVSarray ??Series
logo
Protek Devices
USB0415C PROTEC-USB0415C Datasheet
101Kb / 5P
   LOW CAPACITANCE TVS ARRAY
USB0415C PROTEC-USB0415C Datasheet
900Kb / 9P
   350 watt low capacitance tvs array
USB0415C PROTEC-USB0415C Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
USB0415C-LF-T7 PROTEC-USB0415C-LF-T7 Datasheet
101Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB0415C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com