Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U0404FC33C Datasheet(PDF) 3 Page - Protek Devices

Part # U0404FC33C
Description  UNBUMPED FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0404FC33C Datasheet(HTML) 3 Page - Protek Devices

  U0404FC33C Datasheet HTML 1Page - Protek Devices U0404FC33C Datasheet HTML 2Page - Protek Devices U0404FC33C Datasheet HTML 3Page - Protek Devices U0404FC33C Datasheet HTML 4Page - Protek Devices U0404FC33C Datasheet HTML 5Page - Protek Devices U0404FC33C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.protekdevices.com
05159.R4 3/05
U0404FC3.3C
thru
U0404FC36C
GRAPHS
0
5
10
15
20
0
4
8
12
14
FIGURE 5
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR U0404FC05C
10
6
2
I
PP - Peak Pulse Current - Amps
ESD Test Pulse - 25 kilovolt, 1/30ns (waveshape)
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR U0404FC05C
-5
5
15
25
35
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0


Similar Part No. - U0404FC33C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
   USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
   USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
   USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
More results

Similar Description - U0404FC33C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0406FC33C PROTEC-U0406FC33C Datasheet
109Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0402FC33C PROTEC-U0402FC33C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0408FC33C PROTEC-U0408FC33C Datasheet
112Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C Datasheet
112Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC3.3C PROTEC-ULLC0402FC3.3C Datasheet
159Kb / 4P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C_06 Datasheet
76Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com