Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U0404FC33C Datasheet(PDF) 2 Page - Protek Devices

Part # U0404FC33C
Description  UNBUMPED FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0404FC33C Datasheet(HTML) 2 Page - Protek Devices

  U0404FC33C Datasheet HTML 1Page - Protek Devices U0404FC33C Datasheet HTML 2Page - Protek Devices U0404FC33C Datasheet HTML 3Page - Protek Devices U0404FC33C Datasheet HTML 4Page - Protek Devices U0404FC33C Datasheet HTML 5Page - Protek Devices U0404FC33C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.protekdevices.com
05159.R4 3/05
U0404FC3.3C
thru
U0404FC36C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
250
Watts
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
250W, 8/20µs Waveform
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
U0404FC3.3C
U0404FC05C
U0404FC08C
U0404FC12C
U0404FC15C
U0404FC24C
U0404FC36C
3.3
5.0
8.0
12.0
15.0
24.0
36.0
4.0
6.0
8.5
13.3
16.7
26.7
40.0
7.0
9.8
13.4
19.0
24.0
43.0
64.0
12.5V @ 20A
14.7V @ 17A
19.2V @ 13A
29.7V @ 9.0A
35.7V @ 7.0A
55.0V @ 5.0A
84.0V @ 3.0A
150
100
75
50
40
30
25
MAXIMUM
LEAKAGE
CURRENT
(See Note 2)
@V
WM
I
D
µA
75*
10**
10***
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
Note 1: All devices are bidirectional. Electrical characteristics apply in both directions.
Note 2: *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current <500nA @ 3.3V. ***Maximum leakage current <200nA @ 5V.


Similar Part No. - U0404FC33C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
   USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
   USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
   USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
More results

Similar Description - U0404FC33C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0406FC33C PROTEC-U0406FC33C Datasheet
109Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0402FC33C PROTEC-U0402FC33C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0408FC33C PROTEC-U0408FC33C Datasheet
112Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C Datasheet
112Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC3.3C PROTEC-ULLC0402FC3.3C Datasheet
159Kb / 4P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C_06 Datasheet
76Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com