Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D381A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D381A
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D381A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D381A Datasheet HTML 5Page - List of Unclassifed Manufacturers D381A Datasheet HTML 6Page - List of Unclassifed Manufacturers D381A Datasheet HTML 7Page - List of Unclassifed Manufacturers D381A Datasheet HTML 8Page - List of Unclassifed Manufacturers D381A Datasheet HTML 9Page - List of Unclassifed Manufacturers D381A Datasheet HTML 10Page - List of Unclassifed Manufacturers D381A Datasheet HTML 11Page - List of Unclassifed Manufacturers D381A Datasheet HTML 12Page - List of Unclassifed Manufacturers D381A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IV. Wave-Shape Selection
The D381A driver IC uses a patented wave-shaping technique for reducing audible noise from an EL lamp. The linear
discharge of the output waveform may be adjusted by selecting a proper value for the wave-shaping resistor (Rena) to
the E pin. The optimal discharge level for an application depends on the lamp size, lamp brightness, and application
conditions. To ensure that the D381A is configured optimally, various discharge levels should be evaluated. In many
cases, the lower discharge levels result in lower audible noise from the EL lamp.
9
Typical waveshapes corresponding to the various discharge levels for a 4in2 lamp are shown below. The waveshape
with the smoothest transition slope in the discharge portion of the waveform yields the lowest audible noise.
R
ena=0
R
ena=82k
Figure 6: Rena selection for discharge control (CLOAD=15nF), (E= 3V)
D381 Discharge Control
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0.0
20.0
40.0
60.0
80.0
100.0
Rena (KOhm)


Similar Part No. - D381A

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D381 SAVANTIC-D381 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - D381A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com