Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D371A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D371A
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D371A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D371A Datasheet HTML 1Page - List of Unclassifed Manufacturers D371A Datasheet HTML 2Page - List of Unclassifed Manufacturers D371A Datasheet HTML 3Page - List of Unclassifed Manufacturers D371A Datasheet HTML 4Page - List of Unclassifed Manufacturers D371A Datasheet HTML 5Page - List of Unclassifed Manufacturers D371A Datasheet HTML 6Page - List of Unclassifed Manufacturers D371A Datasheet HTML 7Page - List of Unclassifed Manufacturers D371A Datasheet HTML 8Page - List of Unclassifed Manufacturers D371A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
General Description:
The DurelD371 ispartofafamilyofhighlyintegratedELdrivers
based on Durel’s patented three-port (3P) topology, which offers
built-in EMI shielding. This high-performance device uses a
proprietarycircuitdesignforprogrammablewave-shapingforlow-
noise performance in applications that are sensitive to audible and
electrical noise.
Data Sheet
D371A
Electroluminescent
Lamp Driver IC
MSOP-10
• Flexible Wave Shaping Capability
• Cellular Phones and Handsets
• HighEfficiency
• Data Organizers/PDAs
• Small Package Size
• LCD and Keypad Backlighting
• Adjustable Output Frequency
• HighVoltageACOutput
• ExternalClockCompatible
Features
Applications
Standard Test Circuit
nA
E = GND
mA
E = 3.0V
uA
E = 3.0V
Vpp
Hz
CLF=3.9 nF
kHz
CHF=68 pF
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Conditions
(Using Standard Test Circuit at Ta=25 °C unless otherwise specified.)
Lamp Driver Specifications:
Standby Current
5
1000
Supply Current
I
15
18
Enable Current
15
Output Voltage
Vout
160
188
220
Lamp Frequency
LF
190
260
330
Inductor Frequency
HF
23
1
2
3
4
5
6
7
8
9
10
CHF
CLF
E
DCH
GND
N/C
L-
Vout
L+
V+
Load A
3.9 nF
68 pF
D371A
+3.0 V
0.1 uF
2.2 mH /
4 Ohms DCR
OFF
ON
GND
3.0V


Similar Part No. - D371A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
D371-10A AGERE-D371-10A Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
D371-10F AGERE-D371-10F Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
D371-10N AGERE-D371-10N Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
D371-20A AGERE-D371-20A Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
More results

Similar Description - D371A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com