Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8814 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8814
Description  4-channel driver IC for optical disk drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8814 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8814 Datasheet HTML 1Page - Panasonic Semiconductor AN8814 Datasheet HTML 2Page - Panasonic Semiconductor AN8814 Datasheet HTML 3Page - Panasonic Semiconductor AN8814 Datasheet HTML 4Page - Panasonic Semiconductor AN8814 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN8814SB
ICs for Compact Disc/CD-ROM Player
2
Pin No.
Description
15
Motor driver-2 reverse rotation output pin
16
Motor driver-2 forward rotation output pin
17
Motor driver-1 reverse rotation output pin
18
Motor driver-1 forward rotation output pin
19
Driver GND pin 1
20
Driver power supply pin 1
21
1/2 PVCC output pin 1
22
VREF input pin
23
Motor driver-1 input pin
24
PC (power cut) input pin 1
25
Motor driver-2 input pin
26
PC (power cut) input pin 2
27
Motor driver-3 input pin
28
Motor driver-4 input pin
Fin
GND pin
s Pin Descriptions
Pin No.
Description
1
Base control pin for an external transistor
of 3.3 V regulator
2
3.3 V regulator output monitor pin
3
N.C. pin
4
Op-amp. output pin
5
Op-amp. inverted input pin
6
Op-amp. non-inverted input pin
7
Power supply pin
8
1/2 PVCC output pin 2
9
Driver power supply pin 2
10
Driver GND pin 2
11
Motor driver-4 reverse rotation output pin
12
Motor driver-4 forward rotation output pin
13
Motor driver-3 reverse rotation output pin
14
Motor driver-3 forward rotation output pin
Parameter
Symbol
Range
Unit
Supply voltage
SVCC , PVCC1 , PVCC2
4.0 to 14
V
s Recommended Operating Range
Parameter
Symbol
Rating
Unit
Supply voltage
SVCC
17
V
Supply current
ICC
mA
Power dissipation *
2
PD
542
mW
Operating ambient temperature *
1
Topr
−30 to +85
°C
Storage temperature *
1
Tstg
−55 to +150
°C
s Absolute Maximum Ratings
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: Ta = 85°C.
Referring to "s Application Circuit Example", following the allowable power dissipation characteristic curve of "s
Application Notes".


Similar Part No. - AN8814

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SC PANASONIC-AN8812SC Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SCR PANASONIC-AN8812SCR Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8813 PANASONIC-AN8813 Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
More results

Similar Description - AN8814

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Sony Corporation
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com