Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8814 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8814
Description  4-channel driver IC for optical disk drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8814 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8814 Datasheet HTML 1Page - Panasonic Semiconductor AN8814 Datasheet HTML 2Page - Panasonic Semiconductor AN8814 Datasheet HTML 3Page - Panasonic Semiconductor AN8814 Datasheet HTML 4Page - Panasonic Semiconductor AN8814 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICs for Compact Disc/CD-ROM Player
1
AN8814SB
4-channel driver IC for optical disk drive
s Overview
The AN8814SB is a BTL system 4-channel
driver and is encapsulated in the SMD package
which excels in heat radiation characteristic.
s Features
• Wide output dynamic range regardless of refer-
ence voltage of the system
• Driver I/O gain setting is possible with an addi-
tional external resistor
• 3.3 V supply voltage is available due to an exter-
nal PNP-tr.
• Additional OP-amp. built-in
s Applications
• MD, CD/CD-ROM drive
• DVD/DVD-ROM drive
HSOP042-P-0400
Unit: mm
17
8
14
(1.315)
0.65±0.20
28
22
21
(4.8)
(6.4)
(1.2)
(5.15)
18.4±0.2
15
0.35
+0.10
–0.05
0.8
Seating plane
0
° to 10°
s Block Diagram
21
8
6
7
VCC
4
Fin
GND
5
VCC
22
VREF
1
2
PVCC
1
2
PVCC
1
2
3.3 V
reg.
Direction
detector
Direction
detector
Direction
detector
Direction
detector
VCC
detector
Thermal
protection
circuit


Similar Part No. - AN8814

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SC PANASONIC-AN8812SC Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SCR PANASONIC-AN8812SCR Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8813 PANASONIC-AN8813 Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
More results

Similar Description - AN8814

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Sony Corporation
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com