Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1DDD355BB-M02 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1DDD355BB-M02
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1DDD355BB-M02 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 1DDD355BB-M02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1DDD355BB-M02 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
7
The external inductor (L) selection for a D355B circuit greatly affects the output capability and current draw
of the driver. A careful designer will balance current draw considerations with output performance in the
choice of an ideal inductor for a particular application. Figures 3, 4, and 5 show typical brightness and
current draw of a D355B circuit with different inductor values, lamp sizes, and supply voltages while keeping
the LF constant. Please note that the DC resistance (DCR) of inductors with the same nominal inductance
value may vary with manufacturer and inductor type. Thus, inductors made by a different manufacturer
may yield different outputs, but the trend of the different curves should be similar. Lamp luminance is also
a function of lamp size. In each example, a larger lamp will have less luminance with approximately the
same current draw.
II. Inductor (L) Selection
Figure 3: V+ = 1.5V, 1 in2 EL Lamp
Figure 4: V+ = 3.0V, 1 in2 EL Lamp
Figure 5: V+ = 5.0V, 4 in2 EL Lamp
0
2
4
6
8
10
12
01
23
45
Inductor (mH)
0
8
16
24
32
40
48
Brightness
Current
0
2
4
6
8
10
12
02
46
8
10
Inductor (mH)
0
8
16
24
32
40
48
Brightness
Current
0
2
4
6
8
10
12
01
234
5
Inductor (mH)
0
8
16
24
32
40
48
Brightness
Current


Similar Part No. - 1DDD355BB-M02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1DDD356AA-M02 ETC1-1DDD356AA-M02 Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
1DDD356BB-M02 ETC1-1DDD356BB-M02 Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
More results

Similar Description - 1DDD355BB-M02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com