Electronic Components Datasheet Search |
|
HFCT-5905 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HFCT-5905 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 12 page 6 Regulatory Compliance Feature Test Method Targeted Performance Electrostatic Discharge (ESD) to the Electrical Pins MIL-STD-883C Method 3015.4 Meets Class 1 (2000 Volts). Electrostatic Discharge (ESD) to the Duplex MT-RJ Receptacle Variation of IEC 801-2 Products of this type, typically, withstand at least 25 kV without damage when the Duplex MT-RJ Connector Receptacle is contacted by a Human Body Model probe. Electromagnetic Interference (EMI) FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 Transceivers typically provide 12 dB margin to the noted standard limits when tested at a certified test range with the transceiver mounted to a circuit card without a chassis enclosure. Three transceivers typically provide 20 dB of margin in a ’perfect’ closed box with the recommended port openings. Immunity Variation of IEC 801-3 Typically show no measurable effect from a 10 V/m field swept from 10 to 450 MHz applied to the transceiver when mounted to a circuit card without a chassis enclosure. Eye Safety FDA CDRH 21-CFR 1040 Class 1 Compliant per Agilent testing under normal operating conditions. Accession Number: 9521220-20. IEC 825 Issue 1 1993:11 Class 1 CENELEC EN60825 Class 1 Compliant per Agilent testing under single fault conditions. TUV Certification: 933/510817/05. |
Similar Part No. - HFCT-5905 |
|
Similar Description - HFCT-5905 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |