Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS5692Z Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS5692Z
Description  N-Channel UltraFET Trench MOSFET 50V, 5.8A, 24m Ohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5692Z Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS5692Z Datasheet HTML 1Page - Fairchild Semiconductor FDS5692Z Datasheet HTML 2Page - Fairchild Semiconductor FDS5692Z Datasheet HTML 3Page - Fairchild Semiconductor FDS5692Z Datasheet HTML 4Page - Fairchild Semiconductor FDS5692Z Datasheet HTML 5Page - Fairchild Semiconductor FDS5692Z Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2006
©2006 Fairchild Semiconductor Corporation
FDS5692Z Rev C(W)
www.fairchildsemi.com
FDS5692Z
N-Channel UltraFET Trench
® MOSFET
50V, 5.8A, 24m
Ω
General Description
This
N-Channel UltraFET device has been designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
low gate charge, low rDS(on) and fast switching speed.
Applications
DC/DC converter
Features
Max rDS(on) = 24mΩ at VGS = 10V, ID = 5.8A
Max rDS(on) = 33mΩ at VGS = 4.5V, ID = 5.6A
ESD protection diode (note 3)
Low Qgd
Fast switching speed
S
D
S
S
SO-8
D
D
D
G
MOSFET Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
50
V
VGS
Gate-Source Voltage
± 20
V
Drain Current – Continuous
(Note 1a)
5.8
ID
– Pulsed
40
A
EAS
Single Pulse Avalanche Energy
72
mJ
UltraFET Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to 150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
125
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape width
Quantity
FDS5692Z
FDS5692Z
SO-8
13”
12mm
2500units
4
3
2
1
5
6
7
8


Similar Part No. - FDS5692Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS5692Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
ISL9N2357D3ST FAIRCHILD-ISL9N2357D3ST Datasheet
260Kb / 9P
   30V, 0.007 Ohm, 35A, N-Channel UltraFET Trench Power MOSFET
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
E-CMOS Corporation
EC733322 E-CMOS-EC733322 Datasheet
321Kb / 4P
   30V, 5.8A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com