Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM636165VE-5 Datasheet(PDF) 4 Page - Etron Technology, Inc.

Part # EM636165VE-5
Description  1Mega x 16 Synchronous DRAM (SDRAM)
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM636165VE-5 Datasheet(HTML) 4 Page - Etron Technology, Inc.

  EM636165VE-5 Datasheet HTML 1Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 2Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 3Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 4Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 5Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 6Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 7Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 8Page - Etron Technology, Inc. EM636165VE-5 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
EtronTech
1M x 16 SDRAM
EM636165
Preliminary
4
Rev. 1.8
Nov 2001
DQ0-DQ15 Input/Output Data I/O: The DQ0-15 input and output data are synchronized with the positive
edges of CLK. The I/Os are byte-maskable during Reads and Writes.
NC
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity.
( 3.3V
± 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
( 0 V )
VDD
Supply
Power Supply: +3.3V
± 0.3V
VSS
Supply
Ground


Similar Part No. - EM636165VE-5

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
EM636165TS-10I/10IG ETRON-EM636165TS-10I/10IG Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-6I/6IG ETRON-EM636165TS-6I/6IG Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM636165VE-5

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
EM638165 ETRON-EM638165 Datasheet
1Mb / 71P
   4Mega x 16 Synchronous DRAM (SDRAM)
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com