Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL111-M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # TIL111-M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL111-M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  TIL111-M Datasheet HTML 1Page - Fairchild Semiconductor TIL111-M Datasheet HTML 2Page - Fairchild Semiconductor TIL111-M Datasheet HTML 3Page - Fairchild Semiconductor TIL111-M Datasheet HTML 4Page - Fairchild Semiconductor TIL111-M Datasheet HTML 5Page - Fairchild Semiconductor TIL111-M Datasheet HTML 6Page - Fairchild Semiconductor TIL111-M Datasheet HTML 7Page - Fairchild Semiconductor TIL111-M Datasheet HTML 8Page - Fairchild Semiconductor TIL111-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
6/15/05
Page 5 of 14
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
TIL111
TIL111-M
TIL117-M
MOC8100-M
TYPICAL PERFORMANCE CURVES
Fig.3 Normalized CTR vs. Forward Current
(Black Package)
Fig.4 Normalized CTR vs. Forward Current
(White Package)
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 5.0V
TA = 25°C
02468
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE = 5.0V
TA = 25°C
Normalized to
IF = 10 mA
Fig. 5 Normalized CTR vs. Ambient Temperature
(Black Package)
Fig. 6 Normalized CTR vs. Ambient Temperature
(White Package)
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to
IF = 10 mA
TA = 25°C
IF = 10 mA
IF = 20 mA
TA - AMBIENT TEMPERATURE (°C)
TA - AMBIENT TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF = 5 mA
IF = 5 mA
IF = 10 mA
IF = 20 mA
Normalized to
IF = 10 mA
TA = 25°C
Normalized to
IF = 10 mA
IF - LED FORWARD CURRENT (mA)
Fig. 2 LED Forward Voltage vs. Forward Current
(White Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C
IF - LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
(Black Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C


Similar Part No. - TIL111-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIL111-M FAIRCHILD-TIL111-M Datasheet
619Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - TIL111-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com