Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSH122I Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSH122I
Description  D-PAK for Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH122I Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSH122I Datasheet HTML 1Page - Fairchild Semiconductor KSH122I Datasheet HTML 2Page - Fairchild Semiconductor KSH122I Datasheet HTML 3Page - Fairchild Semiconductor KSH122I Datasheet HTML 4Page - Fairchild Semiconductor KSH122I Datasheet HTML 5Page - Fairchild Semiconductor KSH122I Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A4, October 2002
NPN Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
8
A
ICP
Collector Current (Pulse)
16
A
IB
Base Current
120
mA
PC
Collector Dissipation (TC=25°C)
20
W
Collector Dissipation (Ta=25°C)
1.75
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
IC = 30mA, IB = 0
100
V
ICEO
Collector Cut-off Current
VCE = 50V, IB =0
10
µA
ICBO
Collector Cut-off Current
VCB = 100V, IE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE
*DC Current Gain
VCE = 4V, IC = 4A
VCE = 4V, VEB = 8A
1000
100
12K
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 4A, IB = 16mA
IC = 8A, IB = 80mA
2
4
V
V
VBE(sat)
*Base-Emitter Saturation Voltage
IC = 8A, IB = 80mA
4.5
V
VBE(on)
*Base-Emitter On Voltage
VCE = 4V, IC = 4A
2.8
V
Cob
Output Capacitance
VCB = 10V, IE = 0
f= 0.1MHz
200
pF
KSH122
D-PAK for Surface Mount Applications
• High DC Current Gain
• Built-in a Damper Diode at E-C
• Lead Formed for Surface Mount Applications (No Suffix)
• Straight Lead (I-PAK, “ - I “ Suffix)
• Electrically Similar to Popular TIP122
• Complement to KSH127
Equivalent Circuit
B
E
C
R1
R2
R18k
R20.12k
1.Base
2.Collector
3.Emitter
D-PAK
I-PAK
11


Similar Part No. - KSH122I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH122I FAIRCHILD-KSH122I Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122ITU FAIRCHILD-KSH122ITU Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
More results

Similar Description - KSH122I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH127 FAIRCHILD-KSH127 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
KSH117I FAIRCHILD-KSH117I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH210 FAIRCHILD-KSH210 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
MJD117 FAIRCHILD-MJD117 Datasheet
59Kb / 5P
   D-PAK for Surface Mount Applications
KSH112 FAIRCHILD-KSH112 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH117 FAIRCHILD-KSH117 Datasheet
58Kb / 6P
   D-PAK for Surface Mount Applications
MJD127 FAIRCHILD-MJD127 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
MJD112 FAIRCHILD-MJD112 Datasheet
51Kb / 5P
   D-PAK for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com