Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52H-C3V6 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZT52H-C3V6
Description  Single Zener diodes in a SOD123F package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-C3V6 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZT52H-C3V6 Datasheet HTML 1Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 2Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 3Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 4Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 5Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 6Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 7Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 8Page - NXP Semiconductors BZT52H-C3V6 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9397 750 15082
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 December 2005
2 of 10
Philips Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 37 types with nominal working voltages from 2.4 V to 75 V.
4.
Marking
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BZT52H-C2V4 to
BZT52H-C75 [1]
-
plastic surface mounted package; 2 leads
SOD123F
Table 4:
Marking codes
Type number
Marking
code
Type number
Marking
code
Type number
Marking
code
BZT52H-C2V4
B3
BZT52H-C8V2
BG
BZT52H-C30
BV
BZT52H-C2V7
B4
BZT52H-C9V1
BH
BZT52H-C33
BW
BZT52H-C3V0
B5
BZT52H-C10
BJ
BZT52H-C36
BX
BZT52H-C3V3
B6
BZT52H-C11
BK
BZT52H-C39
BY
BZT52H-C3V6
B7
BZT52H-C12
BL
BZT52H-C43
BZ
BZT52H-C3V9
B8
BZT52H-C13
BM
BZT52H-C47
C1
BZT52H-C4V3
B9
BZT52H-C15
BN
BZT52H-C51
C2
BZT52H-C4V7
BA
BZT52H-C16
BP
BZT52H-C56
C3
BZT52H-C5V1
BB
BZT52H-C18
BQ
BZT52H-C62
C4
BZT52H-C5V6
BC
BZT52H-C20
BR
BZT52H-C68
C5
BZT52H-C6V2
BD
BZT52H-C22
BS
BZT52H-C75
C6
BZT52H-C6V8
BE
BZT52H-C24
BT
-
-
BZT52H-C7V5
BF
BZT52H-C27
BU
-
-


Similar Part No. - BZT52H-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C3V6 PHILIPS-BZT52H-C3V6 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C3V6 PHILIPS-BZT52H-C3V6 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-C3V6 NEXPERIA-BZT52H-C3V6 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-C3V6-Q NEXPERIA-BZT52H-C3V6-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-C3V6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com